Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

73611 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 73611
Description  ESD Statshield Protective Smocks Grounding, Testing and Maintenance
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

73611 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  73611 Datasheet HTML 1Page - List of Unclassifed Manufacturers 73611 Datasheet HTML 2Page - List of Unclassifed Manufacturers 73611 Datasheet HTML 3Page - List of Unclassifed Manufacturers 73611 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Installation
Follow the directions below for proper installation and
grounding of the ESD smock.
1. Put on the smock and fasten all of the snaps on the front
of the smock, making sure that clothing is not exposed
outside of the smock.
2. Throughout use, it is essential that conductive cuff be in
intimate contact with wrist skin; conductive cuff should
never be allowed to be pulled up and over shirt sleeve.
3. Install a ground cord to the snap stud located above the
left hand hip pocket. Connect the other end of the ground
cord to a verified ground point such as a grounding
block or common point mat ground.
Grounding Integrity Testing
For daily testing or monitoring of the grounding integrity of
Desco ESD protective smocks and ground cords, we
recommend the use of standard wrist strap testers or
singlewire workstation continuous monitors. Panel-to-panel
conductivity is essential so as not to leave portions of the
smock as isolated charged conductors. Panel-to-panel
conductivity is easy to test using our Surface Resistance
Test Kit Item #19780. Place the two five-pound electrodes
on different panels to test. Unless properly grounded, the
smocks can hold a charge and become a possible source
for discharge to ESD susceptible products. For additional
information, refer to ANSI/ESD S20.20, TR20.20, and the
ESD Association Garment Standard, ESD-STM2.1. Desco
has several testers available for this purpose. For
more information ask for specification drawings or operating
instruction manuals by item number.
TB-2055 Page 3 of 4
© 2011 DESCO INDUSTRIES INC.
Employee Owned
DESCO WEST
- 3651 Walnut Avenue, Chino, CA 91710 • (909) 627-8178 • Fax (909) 627-7449
DESCO EAST
- One Colgate Way, Canton, MA 02021-1407 • (781) 821-8370 • Fax (781) 575-0172 • Web Site: Desco.com
Figure 5. Testing and monitoring of smock and ground
cord assembly
YES!
YES!
NO!
NO!
Figure 3. Proper installation of smock wearer’s body
Figure 4. Grounding the smock
Figure 6. Testers
The user and the smock will now be properly grounded. The
“hip to cuff” grounding feature allows greater freedom of
movement of user’s arms and hands, and a reliable path to
ground while the ESD smock offers extra protection against
damaging electrostatic fields which may be generated by
the user’s clothing.
NOTE: ANSI/ESD S20.20 REQUIRES THAT THE
GROUND CORD SELECTED FOR GROUNDING OF
PERSONNEL CONTAIN A BUILT-IN CURRENT LIMITING
1 MEGOHM RESISTOR.
Heat Sealed Patches
It is possible to heat seal patches to our smocks. The patch
should be small and the smock should be tested before and
after application.
Maintenance
For proper operation, the ESD protective smock must be
laundered periodically. Woolite works well. Liquid
detergents are better than dry in that there is less caking
and frictional wear. Launder garment in cool or warm water,
tumble dry with low heat or hang dry. Launder the smocks
by hand or with a washing machine. Use a standard
household machine on gentle cycle or use an industrial
machine if “Pony” (typically under 200 pound loads)
machines are used. It is not recommended to launder these
garments in heavy industrial laundry machines as it will lead
to premature wear. Garments should be tumbled dry using
low heat.
DO NOT USE BLEACH OR FABRIC SOFTENER.
19250
19350
19780



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com