Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8575 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # PCF8575
Description  REMOTE 16-BIT I2C AND SMBus I/O EXPANDERWITH INTERRUPT OUTPUT
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCF8575 Datasheet(HTML) 3 Page - Texas Instruments

  PCF8575 Datasheet HTML 1Page - Texas Instruments PCF8575 Datasheet HTML 2Page - Texas Instruments PCF8575 Datasheet HTML 3Page - Texas Instruments PCF8575 Datasheet HTML 4Page - Texas Instruments PCF8575 Datasheet HTML 5Page - Texas Instruments PCF8575 Datasheet HTML 6Page - Texas Instruments PCF8575 Datasheet HTML 7Page - Texas Instruments PCF8575 Datasheet HTML 8Page - Texas Instruments PCF8575 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
www.ti.com
PCF8575
REMOTE 16-BIT I2C AND SMBus I/O EXPANDER
WITH INTERRUPT OUTPUT
SCPS121D – JANUARY 2005 – REVISED APRIL 2007
TERMINAL FUNCTIONS
NO.
NAME
FUNCTION
DB, DBQ, DGV,
RGE
DW, AND PW
1
22
INT
Interrupt output. Connect to VCC through a pullup resistor.
2
23
A1
Address input 1. Connect directly to VCC or ground. Pullup resistors are not needed.
3
24
A2
Address input 2. Connect directly to VCC or ground. Pullup resistors are not needed.
4
1
P00
P-port input/output. Push-pull design structure.
5
2
P01
P-port input/output. Push-pull design structure.
6
3
P02
P-port input/output. Push-pull design structure.
7
4
P03
P-port input/output. Push-pull design structure.
8
5
P04
P-port input/output. Push-pull design structure.
9
6
P05
P-port input/output. Push-pull design structure.
10
7
P06
P-port input/output. Push-pull design structure.
11
8
P07
P-port input/output. Push-pull design structure.
12
9
GND
Ground
13
10
P10
P-port input/output. Push-pull design structure.
14
11
P11
P-port input/output. Push-pull design structure.
15
12
P12
P-port input/output. Push-pull design structure.
16
13
P13
P-port input/output. Push-pull design structure.
17
14
P14
P-port input/output. Push-pull design structure.
18
15
P15
P-port input/output. Push-pull design structure.
19
16
P16
P-port input/output. Push-pull design structure.
20
17
P17
P-port input/output. Push-pull design structure.
21
18
A0
Address input 0. Connect directly to VCC or ground. Pullup resistors are not needed.
22
19
SCL
Serial clock line. Connect to VCC through a pullup resistor
23
20
SDA
Serial data line. Connect to VCC through a pullup resistor.
24
21
VCC
Supply voltage
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com