Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP113 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP113
Description  Isolated Line Receiver Simplex / Multiplex Data Transmission
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP113 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP113 Datasheet HTML 1Page - Toshiba Semiconductor TLP113 Datasheet HTML 2Page - Toshiba Semiconductor TLP113 Datasheet HTML 3Page - Toshiba Semiconductor TLP113 Datasheet HTML 4Page - Toshiba Semiconductor TLP113 Datasheet HTML 5Page - Toshiba Semiconductor TLP113 Datasheet HTML 6Page - Toshiba Semiconductor TLP113 Datasheet HTML 7Page - Toshiba Semiconductor TLP113 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLP113
2007-10-01
1
TOSHIBA Photocoupler GaAℓAs IRed & Photo−IC
TLP113
Isolated Line Receiver
Simplex / Multiplex Data Transmission
Computer−Peripheral Interface
Microprocessor System Interface
Digital Isolation For A / D, D / A Conversion
The TOSHIBA mini flat coupler TLP113 is a small outline coupler,
suitable for surface mount assembly.
TLP113 consists of a GaAℓAs light emitting diode, optically coupled to an
integrated high gain, high speed photodetector whose output is an open
collector, schottky clamped transistor.
Input current thresholds: IF=10mA(max.)
Switching speed: 10MBd(typ.)
TTL / LSTTL compatible: VCC=5V
Guaranteed performance over temp.: 0~70°C
Isolation voltage: 2500Vrms(min.)
UL recognized: UL1577 file no. E67349
Schematic
VCC
GND
VO
ICC
IO
6
5
4
1
3
IF
VF
(Note) A 0.1μF bypass capacitor must be
connected between pins 4 and 6.
Pin Configuration(top view)
1 : Anode
3 : Cathode
4 : GND
5 : Output
(Open collector)
6 : VCC
GND
1
3
4
5
6
VCC
Unit in mm
TOSHIBA
11−4C2
Weight: 0.09 g (typ.)
INPUT
OUTPUT
H
H
H
L
L
TRUTH TABLE (Positive Logic)


Similar Part No. - TLP113

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP113 TOSHIBA-TLP113 Datasheet
218Kb / 8P
Isolated Line Receiver Simplex / Multiplex Data Transmission Computer.Peripheral Interface Microprocessor System Interface Digital Isolation For A / D
TLP113 TOSHIBA-TLP113 Datasheet
207Kb / 8P
Photo−IC Isolated Line Receiver
TLP113 TOSHIBA-TLP113_07 Datasheet
207Kb / 8P
Photo−IC Isolated Line Receiver
More results

Similar Description - TLP113

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP113 TOSHIBA-TLP113 Datasheet
218Kb / 8P
Isolated Line Receiver Simplex / Multiplex Data Transmission Computer.Peripheral Interface Microprocessor System Interface Digital Isolation For A / D
TLP2631 TOSHIBA-TLP2631 Datasheet
374Kb / 8P
ISOLATED LINE RECEIVER SIMPLEX/MULTIPLEX DATA TRANSMISSON
TLP2631 TOSHIBA-TLP2631_07 Datasheet
202Kb / 8P
Isolated Line Receiver
TLP2601 TOSHIBA-TLP2601_07 Datasheet
229Kb / 9P
Simplex / Multiplex Data Transmission
TLP554 TOSHIBA-TLP554_07 Datasheet
370Kb / 8P
SIMPLEX/MULTIPLEX DATA TRANSMISSION
TLP2403 TOSHIBA-TLP2403 Datasheet
233Kb / 12P
High-Speed Digital Interfacing for Instrumentation and Control Devices Simplex/Multiplex Data Transmission
logo
M-System Co.,Ltd.
22LA1 MSYSTEM-22LA1 Datasheet
436Kb / 22P
Multiplex Transmission System
CND MSYSTEM-CND Datasheet
302Kb / 7P
Multiplex Transmission System
DAL4 MSYSTEM-DAL4 Datasheet
153Kb / 6P
Multiplex Transmission System
DLA1 MSYSTEM-DLA1 Datasheet
577Kb / 33P
Multiplex Transmission System
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com