Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD1052F Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TPD1052F
Description  High-side Power Switch for Motor, Solenoid and Lamp Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD1052F Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TPD1052F Datasheet HTML 1Page - Toshiba Semiconductor TPD1052F Datasheet HTML 2Page - Toshiba Semiconductor TPD1052F Datasheet HTML 3Page - Toshiba Semiconductor TPD1052F Datasheet HTML 4Page - Toshiba Semiconductor TPD1052F Datasheet HTML 5Page - Toshiba Semiconductor TPD1052F Datasheet HTML 6Page - Toshiba Semiconductor TPD1052F Datasheet HTML 7Page - Toshiba Semiconductor TPD1052F Datasheet HTML 8Page - Toshiba Semiconductor TPD1052F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TPD1052F
2012-01-20
2
Block Diagram
Pin Description
Pin No.
Symbol
Function
1
VDD
Power supply pin.
2, 7
N.C
No-Connect pin.
3
IN
Input pin. The IN pin has an internal pull-down resistor.
Even if the IN pin is open, the output will not accidentally turn on.
4
GND
Ground pin.
5
MASK
Overcurrent detection/protection is IOC(clamp) in the Mask time.
If the capacitor and the resistance is not connected to MASK pin, overcurrent protection is IOC(duty).
6
DIAG
Self-diagnosis detection pin. npn open collector.
When Input is “H”(Output on), and Overcurrent or Overtemperature is detected, DIAG becomes low
level and it is latched.
When input is low level, the state of latch is reseted.
8
OUT
Output pin. When a load short-circuit causes an overcurrent (0.8A Min) to flow into a device, output
current is limited in order to protect the IC.
VDD
OUT
5V regulator
Driver
Overcurrent
Detection
Overtemperature
Detection
DIAG
GND
IN
Diagnosis Logic
Logic
MASK
Mask time
IN
12V
5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com