Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5055 Datasheet(PDF) 6 Page - ams AG

Part # AS5055
Description  Low Power 12-Bit Magnetic Rotary Encoder
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5055 Datasheet(HTML) 6 Page - ams AG

Back Button AS5055 Datasheet HTML 2Page - ams AG AS5055 Datasheet HTML 3Page - ams AG AS5055 Datasheet HTML 4Page - ams AG AS5055 Datasheet HTML 5Page - ams AG AS5055 Datasheet HTML 6Page - ams AG AS5055 Datasheet HTML 7Page - ams AG AS5055 Datasheet HTML 8Page - ams AG AS5055 Datasheet HTML 9Page - ams AG AS5055 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
www.ams.com/AS5055
Revision 1.16
6 - 26
AS5055
Datasheet - Electrical Character i s t ics
6.3 DC/AC Characteristics
Digital pads: MISO, MOSI, SCK, SS/, EN_INT/, INT/, Wire_mode
Table 5. DC/AC Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIH
High level input voltage
0.7 * VDDp
V
VIL
Low level input voltage
VDDp > 2.7V
0.3 * VDDp
V
VIL
Low level input voltage
VDDp < 2.7V
0.25 * VDDp
V
ILEAK
Input leakage current
1
µA
VOH
High level output voltage
VDDp - 0.5
V
VOL
Low level output voltage
VSS + 0.4
V
CL
Capacitive load
35
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com