Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5245 Datasheet(PDF) 19 Page - ams AG

Part # AS5245
Description  Programmable 360 Magnetic Angle Encoder with Absolute SSI and PWM Output
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5245 Datasheet(HTML) 19 Page - ams AG

Back Button AS5245 Datasheet HTML 15Page - ams AG AS5245 Datasheet HTML 16Page - ams AG AS5245 Datasheet HTML 17Page - ams AG AS5245 Datasheet HTML 18Page - ams AG AS5245 Datasheet HTML 19Page - ams AG AS5245 Datasheet HTML 20Page - ams AG AS5245 Datasheet HTML 21Page - ams AG AS5245 Datasheet HTML 22Page - ams AG AS5245 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
www.austriamicrosystems.com/AS5245
Revision 1.5
18 - 31
AS5245
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
9.1.2 OTP Memory Assignment
9.1.3 User Selectable Settings
The AS5245 allows programming of the following user selectable options:
- PWMhalfEN_Indexwidth: Setting this bit, the PWM pulse will be divided by 2, in case of quadrature incremental mode A/B/Index setting
of Index impulse width from 1 LSB to 3LSB.
- MagCompEN: The green/yellow mode can be enabled by setting of this bit.
- Output Md0: Setting this bit enables sync- or 10bit incremental mode (see Table 9). It is already set by Austriamicrosystems.
- Output Md1: Setting this bit enables sync- or 12bit incremental mode (see Table 9)
- Z [11:0]: Programmable Zero / Index Position
- CCW: Counter Clockwise Bit
ccw=0 – angular value increases in clockwise direction
ccw=1 – angular value increases in counterclockwise direction
- RA [4:0]: Redundant Address: an OTP bit location addressed by this address is always set to “1” independent of the corresponding
original OTP bit setting
Table 12. OTP Bit Assignment
Bit
Symbol
Function
mbit1
Factory Bit 1
51
PWMhalfEN_Index width
PMW frequency Index pulse width
50
MagCompEn
Alarm mode
49
pwmDIS
Disable PWM
48
Output Md0
Default, 10 bit inc, 12 bit inc
47
Output Md1
Sync mode
46
Z0
12 bit Zero Position
::
35
Z11
34
CCW
Direction
33
RA0
Redundancy Address
::
29
RA4
28
FS 0
Factory Bit
27
FS 1
26
FS 2
25
FS 3
24
FS 4
23
FS 5
::
20
FS 9
17
ChipID0
18 bit Chip ID
16
ChipID1
::
0ChipID17
mbit0
Factory Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com