Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8510-ASSP Datasheet(PDF) 39 Page - ams AG

Part # AS8510-ASSP
Description  Data Acquisition Device for Battery Sensors
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8510-ASSP Datasheet(HTML) 39 Page - ams AG

Back Button AS8510-ASSP Datasheet HTML 35Page - ams AG AS8510-ASSP Datasheet HTML 36Page - ams AG AS8510-ASSP Datasheet HTML 37Page - ams AG AS8510-ASSP Datasheet HTML 38Page - ams AG AS8510-ASSP Datasheet HTML 39Page - ams AG AS8510-ASSP Datasheet HTML 40Page - ams AG AS8510-ASSP Datasheet HTML 41Page - ams AG AS8510-ASSP Datasheet HTML 42Page - ams AG AS8510-ASSP Datasheet HTML 43Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
www.ams.com/AS8510
Revision 3.5
38 - 46
AS8510
Datasheet - Detailed Descr i p ti on
7.9.2 Initialization Sequence at Power ON
Figure 16. AS8510 Device Initialization Sequence at Power ON
Device initialization starts if the DVDD and AVDD supplies are switched ON and DVDD > VPORHID. The duration period of Initialization is 500
μsec
and during this period, INT pin toggles at the rate of internal low power oscillator. Toggling on INT during the period of initialization should be
ignored in the system. Device configuration and activation should be carried out only after the initialization period.
On ADC start, device enters into analog stabilization state and takes 1.5msec for oscillator and Reference to settle. After this 1.5msec period, the
first interrupt will occur after a time period of TADC.
TDATA_STATUS_RD is the time period during which the micro-controller should complete reading of data and status from the device. If reading is
carried out beyond this time period, then, ADC performance will degrade for next sample generation. Status register gets cleared automatically
only when micro-controller reads this register. Data in the channel registers is changed after TDATA_VALID duration. Ensure that data channel
registers and status registers are not read during the TDATA_INVALID duration.
Example:
Configuration registers are set as follows:
CLK_REG = 8’b0010_0000
DEC_REG_R1_I = 0100_0101
DEC_REG_R2_I = 1100_0101
FIR_CTL_REG_I = 0000_0100
ADC is configured to a data rate of 1KHz, CHOP_CLK to 2KHz, and Modulator clock to 1MHz, Decimation ratio of CIC1 = 64, and Decimation
ratio of CIC2 = 4. With these settings the various time periods as shown in the Figure 16 are as follows:
TDATA_STATUS_RD = 100
μsec
(TDATA_STATUS_RD = (1/mod_clk) * R1 * [((mod_clk/(2*chop_clk))*(1/R1)) - 2.5)
TDATA_INVALID = 8
μsec
TADC = 1msec
TDATA_VALID = TADC - TDATA_INVALID = 1msec - 8
μsec
CHOP_CLK and POR_N are internal signals of the device.
Configure
Device
Start
ADC
DVDD/AVDD
POR_N
INT
CHOP_CLK
Channel Data
Register
0x0000
DATA1
DATA2
D1
D2
D3
D4
D1
D2
D3
D4
D1
D2
D3
D4
500µS
1.5mS
TDATA_STATUS_RD
TDATA_VALID
TDATA_INVALID
VPORHID/VPORHIA
TADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com