Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS13985 Datasheet(PDF) 4 Page - ams AG

Part # AS13985
Description  Micropower 150mA Low-Noise LDO
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS13985 Datasheet(HTML) 4 Page - ams AG

  AS13985 Datasheet HTML 1Page - ams AG AS13985 Datasheet HTML 2Page - ams AG AS13985 Datasheet HTML 3Page - ams AG AS13985 Datasheet HTML 4Page - ams AG AS13985 Datasheet HTML 5Page - ams AG AS13985 Datasheet HTML 6Page - ams AG AS13985 Datasheet HTML 7Page - ams AG AS13985 Datasheet HTML 8Page - ams AG AS13985 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
www.austriamicrosystems.com
Revision 1.13
3 - 12
AS13985
Datasheet - A b s o l u t e M a x i m u m R a t i n g s
5 Absolute Maximum Ratings
Stresses beyond those listed in Table 2 may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in Section 6 Electrical
Characteristics on page 4 is not implied. Exposure to absolute maximum rating conditions for extended periods may
affect device reliability.
P(MAX) = (TJ(MAX) - (TAMB))/
ΘJA
(EQ 1)
Where:
The value of
ΘJA for the SOT23 package is 220ºC/W in a typical PC-board mounting.
The value of
ΘJA for the WLP package is 225ºC/W.
Note: Exceeding the maximum allowable dissipation will cause excessive device temperature and the regula-
tor will go into thermal shutdown.
Table 2. Absolute Maximum Ratings
Parameter
Min
Max
Units
Comments
Input Supply Voltage (Survival)
-0.3
+7
V
Input Supply Voltage (Operating)
+2.5
+5.5
V
Shutdown Input Voltage (Survival)
-0.3
+7
V
Output Voltage (Survival)
-0.3
+7
V
IOUT (Survival)
Short-circuit protected.
Input/Output Voltage (Survival)
1
1. The output PNP structure contains a diode between pins VIN and VOUT that is normally reverse-biased. revers-
ing the polarity of pins VIN and VOUT will activate this diode.
-0.3
+7
V
Power Dissipation
2
2. The maximum allowable power dissipation is a function of the maximum junction temperature (TJ(MAX), the
junction-to-ambient thermal resistance (
ΘJA), and the ambient temperature (TAMB). The maximum allowable
power dissipation at any ambient temperature is calculated as:
Internally limited.
Operating Junction Temperature
-40
+125
ºC
Storage Temperature Range
-65
+150
ºC
Package Body Temperature
+260
ºC
The reflow peak soldering temperature (body
temperature) specified is in accordance with IPC/
JEDEC J-STD-020D “Moisture/Reflow Sensitivity
Classification for Non-Hermetic Solid State
Surface Mount Devices”.
The lead finish for Pb-free leaded packages is
matte tin (100% Sn).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com