Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3210 Datasheet(PDF) 13 Page - ams AG

Part # TCS3210
Description  PROGRAMMABLE COLOR LIGHT-TO-FREQUENCY CONVERTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3210 Datasheet(HTML) 13 Page - ams AG

Back Button TCS3210 Datasheet HTML 7Page - ams AG TCS3210 Datasheet HTML 8Page - ams AG TCS3210 Datasheet HTML 9Page - ams AG TCS3210 Datasheet HTML 10Page - ams AG TCS3210 Datasheet HTML 11Page - ams AG TCS3210 Datasheet HTML 12Page - ams AG TCS3210 Datasheet HTML 13Page - ams AG TCS3210 Datasheet HTML 14Page - ams AG TCS3210 Datasheet HTML 15Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
TCS3200, TCS3210
PROGRAMMABLE
COLOR LIGHT-TO-FREQUENCY CONVERTER
TAOS099A − AUGUST 2011
12
r
r
Copyright
E 2011, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
MANUFACTURING INFORMATION
The Plastic Small Outline IC package (D) has been tested and has demonstrated an ability to be reflow soldered
to a PCB substrate.
The solder reflow profile describes the expected maximum heat exposure of components during the solder
reflow process of product on a PCB. Temperature is measured on top of component. The component should
be limited to a maximum of three passes through this solder reflow profile.
Table 2. TCS3200, TCS3210 Solder Reflow Profile
PARAMETER
REFERENCE
TCS32x0
Average temperature gradient in preheating
2.5
°C/sec
Soak time
tsoak
2 to 3 minutes
Time above 217
°C
t1
Max 60 sec
Time above 230
°C
t2
Max 50 sec
Time above Tpeak −10°C
t3
Max 10 sec
Peak temperature in reflow
Tpeak
260
° C (−0°C/+5°C)
Temperature gradient in cooling
Max −5
°C/sec
t3
t2
t1
tsoak
T3
T2
T1
Tpeak
Not to scale — for reference only
Time (sec)
Figure 10. TCS3200, TCS3210 Solder Reflow Profile Graph



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com