Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25ML22MEFC5X5 Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # 25ML22MEFC5X5
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

25ML22MEFC5X5 Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  25ML22MEFC5X5 Datasheet HTML 1Page - RUBYCON CORPORATION 25ML22MEFC5X5 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
L=7 :α=1.0
L=5 :α=1.5
◆DIMENSIONS
(mm)
◆STANDARD SIZE                Size φD×L(mm), Ripple Current (mA r.m.s./105℃, 120Hz)
6.3
(0J)
Size
Ripple
10
(1A)
Size
Ripple
16
(1C)
Size
Ripple
25
(1E)
Size
Ripple
35
(1V)
Size
Ripple
50
(1H)
Size
Ripple
4×5
4×7
5×5
5×7
6.3×5
6.3×7
8×5
8×7
8×7.5
8×9
10×9
25
47
50
75
80
110
125
165
190
230
480
4×5
4×7
5×5
5×7
6.3×5
6.3×7
8×5
8×7
8×7.5
8×9
10×9
22
43
48
68
75
100
120
160
180
210
470
4×5
4×7
5×5
5×7
6.3×5
6.3×7
8×5
8×7
8×7.5
8×9
10×9
20
40
45
65
70
95
110
125
170
195
460
18
35
42
57
65
85
100
112
140
190
450
4×5
4×7
5×5
5×7
6.3×5
6.3×7
8×5
8×7
8×7.5
8×9
10×9
17
28
34
48
58
76
80
105
125
180
360
1
2.2
3.3
4.7
6.8
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
270
330
470
560
680
1000
4×5
4×5
4×5
4×7
5×5
5×7
6.3×5
6.3×7
8×7
8×7.5
8×9
10×9
8
11
14
23
25
30
37
50
75
115
160
315
4×5
4×7
5×5
5×7
6.3×5
6.3×7
8×5
8×7
8×7.5
8×9
10×9
V.DC
Cap(μF)
8×7
0.45
8×5
6.3
2.5
5
2.0
4
1.5
φD
φd
F
α
3.5
0.6
8×7.5 8×9
10
5.0
1.0
2.0
1.5
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ML
8×5
6.3×7
62
62
L+αMAX
15MIN
4MIN
φd
φD+0.5MAX
SLEEVE
(PET)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com