Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPP3052T252RG Datasheet(PDF) 2 Page - SYNC POWER Crop.

Part # SPP3052T252RG
Description  P-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SPP3052T252RG Datasheet(HTML) 2 Page - SYNC POWER Crop.

  SPP3052T252RG Datasheet HTML 1Page - SYNC POWER Crop. SPP3052T252RG Datasheet HTML 2Page - SYNC POWER Crop. SPP3052T252RG Datasheet HTML 3Page - SYNC POWER Crop. SPP3052T252RG Datasheet HTML 4Page - SYNC POWER Crop. SPP3052T252RG Datasheet HTML 5Page - SYNC POWER Crop. SPP3052T252RG Datasheet HTML 6Page - SYNC POWER Crop. SPP3052T252RG Datasheet HTML 7Page - SYNC POWER Crop. SPP3052T252RG Datasheet HTML 8Page - SYNC POWER Crop.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2011/09/22
Ver.4
Page 2
SPP3052
P-Channel Enhancement Mode MOSFET
PIN DESCRIPTION
Pin
Symbol
Description
1
G
Gate
2
S
Source
3
D
Drain
ORDERING INFORMATION
Part Number
Package
Part
Marking
SPP3052T252RG
TO-252-2L
SPP3052
SPP3052T252RGB
TO-252-2L
SPP3052
※
Week Code : A ~ Z( 1 ~ 26 ) ; a ~ z( 27 ~ 52 )
※
SPP3052T252RG : Tape Reel ; Pb – Free
※
SPP3052T252RGB : Tape Reel ; Pb – Free ; Halogen - Free
ABSOULTE MAXIMUM RATINGS
(TA=25
Unless otherwise noted)
℃
Parameter
Symbol
Typical
Unit
Drain-Source Voltage
VDSS
-30
V
Gate –Source Voltage
VGSS
±20
V
TA=25℃
-25
Continuous Drain Current(TJ=150 )
℃
TA=70℃
ID
-18
A
Pulsed Drain Current
IDM
-100
A
Continuous Source Current(Diode Conduction)
IS
-15
A
TA=25℃
40
Power Dissipation
TA=70℃
PD
20
W
Avalanche Energy with Single Pulse
( Tj=25℃, L = 0.14mH , IAS = 43A , VDD = 20V. )
EAS
129
mJ
Operating Junction Temperature
TJ
-55/150
℃
Storage Temperature Range
TSTG
-55/150
℃
Thermal Resistance-Junction to Ambient
RθJA
105
℃
/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com