Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPP3052T252RGB Datasheet(PDF) 1 Page - SYNC POWER Crop.

Part # SPP3052T252RGB
Description  P-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SPP3052T252RGB Datasheet(HTML) 1 Page - SYNC POWER Crop.

  SPP3052T252RGB Datasheet HTML 1Page - SYNC POWER Crop. SPP3052T252RGB Datasheet HTML 2Page - SYNC POWER Crop. SPP3052T252RGB Datasheet HTML 3Page - SYNC POWER Crop. SPP3052T252RGB Datasheet HTML 4Page - SYNC POWER Crop. SPP3052T252RGB Datasheet HTML 5Page - SYNC POWER Crop. SPP3052T252RGB Datasheet HTML 6Page - SYNC POWER Crop. SPP3052T252RGB Datasheet HTML 7Page - SYNC POWER Crop. SPP3052T252RGB Datasheet HTML 8Page - SYNC POWER Crop.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2011/09/22
Ver.4
Page 1
SPP3052
P-Channel Enhancement Mode MOSFET
DESCRIPTION
APPLICATIONS
The SPP3052 is the P-Channel logic enhancement mode
power field effect transistors are produced using high cell
density , DMOS trench technology.
This high density process is especially tailored to
minimize on-state resistance. These devices are
particularly suited for low voltage application, such as
DC/DC converter and Desktop computer power
management.
The package is universally preferred for commercial
industrial surface mount applications
Power Management in Desktop Computer
DC/DC Converter
LCD Display inverter
FEATURES
PIN CONFIGURATION ( TO-252-2L )
PART MARKING
-30V/- 25A,RDS(ON)=50mΩ@VGS=-10V
-30V/- 16A,RDS(ON)=85mΩ@VGS=- 5V
Super high density cell design for extremely low
RDS (ON)
Exceptional on-resistance and maximum DC
current capability
TO-252-2L package design


Similar Part No. - SPP3052T252RGB

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPP3052T252RG SYNC-POWER-SPP3052T252RG Datasheet
206Kb / 8P
P-Channel Enhancement Mode MOSFET
More results

Similar Description - SPP3052T252RGB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2305 SYNC-POWER-SPP2305 Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2301A STANSON-ST2301A Datasheet
221Kb / 6P
P Channel Enhancement Mode MOSFET
ST2305A STANSON-ST2305A Datasheet
147Kb / 6P
P Channel Enhancement Mode MOSFET
ST3401 STANSON-ST3401 Datasheet
200Kb / 6P
P Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPP2319 SYNC-POWER-SPP2319 Datasheet
210Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3401B SYNC-POWER-SPP3401B Datasheet
204Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3407B SYNC-POWER-SPP3407B Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com