Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24C01-10PI Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT24C01-10PI
Description  2-Wire Serial EEPROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C01-10PI Datasheet(HTML) 4 Page - ATMEL Corporation

  AT24C01-10PI Datasheet HTML 1Page - ATMEL Corporation AT24C01-10PI Datasheet HTML 2Page - ATMEL Corporation AT24C01-10PI Datasheet HTML 3Page - ATMEL Corporation AT24C01-10PI Datasheet HTML 4Page - ATMEL Corporation AT24C01-10PI Datasheet HTML 5Page - ATMEL Corporation AT24C01-10PI Datasheet HTML 6Page - ATMEL Corporation AT24C01-10PI Datasheet HTML 7Page - ATMEL Corporation AT24C01-10PI Datasheet HTML 8Page - ATMEL Corporation AT24C01-10PI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
AT24C01
4
Note:
1. This parameter is characterized and is not 100% tested.
Device Operation
CLOCK and DATA TRANSITIONS: The SDA pin is nor-
mally pulled high with an external device. Data on the SDA
pin may change only during SCL low time periods (refer to
Data Validity timing diagram). Data changes during SCL
high periods will indicate a start or stop condition as
defined below.
START CONDITION: A high-to-low transition of SDA with
SCL high is a start condition which must precede any other
command (refer to Start and Stop Definition timing dia-
gram).
STOP CONDITION: A low-to-high transition of SDA with
SCL high is a stop condition which terminates all communi-
cations. After a read sequence, the stop command will
place the EEPROM in a standby power mode (refer to Start
and Stop Definition timing diagram).
ACKNOWLEDGE: All addresses and data words are seri-
ally transmitted to and from the EEPROM in 8-bit words.
Any device on the system bus receiving data (when com-
municating with the EEPROM) must pull the SDA bus low
to acknowledge that it has successfully received each
word. This must happen during the ninth clock cycle after
each word received and after all other system devices have
freed the SDA bus. The EEPROM will likewise acknowl-
edge by pulling SDA low after receiving each address or
data word (refer to Acknowledge Response from Receiver
timing diagram).
STANDBY MODE: The AT24C01 features a low power
standby mode which is enabled: (a) upon power-up and (b)
after the receipt of the STOP bit and the completion of any
internal operations.
MEMORY RESET: After an interruption in protocol, power
loss or system reset, any 2-wire part can be reset by follow-
ing these steps:
(a) Clock up to 9 cycles, (b) look for SDA high in each cycle
while SCL is high and then (c) create a start condition as
SDA is high.
AC Characteristics
Applicable over recommended operating range from T
A = -40°C to +85°C, VCC = +1.8V to +5.5V, CL = 1 TTL Gate and
100 pF (unless otherwise noted).
Symbol
Parameter
2.7-, 2.5-, 1.8-volt
5.0-volt
Units
Min
Max
Min
Max
f
SCL
Clock Frequency, SCL
100
400
KHz
t
LOW
Clock Pulse Width Low
4.7
1.2
µs
t
HIGH
Clock Pulse Width High
4.0
0.6
µs
t
I
Noise Suppression Time(1)
100
50
ns
t
AA
Clock Low to Data Out Valid
0.1
4.5
0.1
0.9
µs
t
BUF
Time the bus must be free before a new
transmission can start(1)
4.7
1.2
µs
t
HD.STA
Start Hold Time
4.0
0.6
µs
t
SU.STA
Start Set-up Time
4.7
0.6
µs
t
HD.DAT
Data In Hold Time
0
0
µs
t
SU.DAT
Data In Set-up Time
200
100
ns
t
R
Inputs Rise Time(1)
1.0
0.3
µs
t
F
Inputs Fall Time(1)
300
300
ns
t
SU.STO
Stop Set-up Time
4.7
0.6
µs
t
DH
Data Out Hold Time
100
50
ns
t
WR
Write Cycle Time
10
10
ms
Endurance(1)
5.0V, 25°C, Page Mode
1M
1M
Write
Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com