Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC701 Datasheet(PDF) 2 Page - Texas Instruments

Part # DAC701
Description  Monolithic 16-Bit DIGITAL-TO-ANALOG CONVERTERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC701 Datasheet(HTML) 2 Page - Texas Instruments

  DAC701 Datasheet HTML 1Page - Texas Instruments DAC701 Datasheet HTML 2Page - Texas Instruments DAC701 Datasheet HTML 3Page - Texas Instruments DAC701 Datasheet HTML 4Page - Texas Instruments DAC701 Datasheet HTML 5Page - Texas Instruments DAC701 Datasheet HTML 6Page - Texas Instruments DAC701 Datasheet HTML 7Page - Texas Instruments DAC701 Datasheet HTML 8Page - Texas Instruments DAC701 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
®
DAC701, 702, 703
SPECIFICATIONS
At +25
°C and rated power supplies, unless otherwise noted.
DAC702/703J
DAC701/702/703K
DAC701/702/703B, S
DAC701/702/703L, C
PARAMETER
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
INPUT
DIGITAL INPUT
Resolution
16
TT
T
Bits
Digital Inputs (1)
VIH
+2.4
+VCC
TT
T
T
T
T
V
VIL
–1.0
+0.8
TT
T
T
T
T
V
IIH, VI = +2.7V
+40
TT
T
µA
IIL, VI = +0.4V
–0.35
–0.5
T
T
TT
TT
mA
TRANSFER CHARACTERISTICS
ACCURACY(2)
Linearity Error(4)
±0.0015 ±0.006
T
±0.003
TT
±0.00075 ±0.0015
% of FSR(3)
Differential Linearity
Error(4)
±0.003
±0.012
T
±0.006
TT
±0.0015 ±0.003
% of FSR
Differential Linearity
Error at Bipolar Zero
(DAC702/703)(4)
±0.003
±0.006
±0.0015 ±0.003
TT
% of FSR
Gain Error(5)
±0.07
±0.30
T
±0.15
±0.05
±0.10
TT
%
Zero Error(5, 6)
±0.05
±0.10
T
T
TT
TT
% of FSR
Monotonicity Over Spec.
Temp Range
13
14
T
15
Bits
DRIFT (over specification
temperature range)
Total Error Over
Temperature Range
(all models)(7)
±0.08
T
±0.15
±0.05
±0.10
TT
% of FSR
Total Full Scale Drift:
DAC701
±10
T
±30
±8.5
±18
±6
±13
ppm of FSR/
°C
DAC702/703
±10
T
±25
±7
±15
TT
ppm of FSR/
°C
Gain Drift (all models)
±10
±30
T
±25
±7
±15
±5
±10
ppm/
°C
Zero Drift:
DAC701
±2.5
±5
±1.5
±3
TT
ppm of FSR/
°C
DAC702/703
±5
±15
T
±12
±4
±10
±2.5
±5
ppm of FSR/
°C
Differential Linearity
Over Temp.(4)
±0.012
+0.009,
T
+0.006,
% of FSR
–0.006
–0.003
Linearity Error
Over Temp.(4)
±0.012
±0.006
T
±0.003
% of FSR
SETTLING TIME (to
±0.003% of FSR)(8)
DAC701/703 (VOUT Models)
Full Scale Step, 2k
Ω Load
4
T
8
TT
TT
µs
1LSB Step at
Worst-Case Code(9)
2.5
TT
T
µs
Slew Rate
10
TT
T
V/
µs
DAC702 (IOUT Models)
Full Scale Step (2mA),
10 to 100
Ω Load
350
T
1000
TT
TT
ns
1k
Ω Load
1
T
3
TT
TT
µs
OUTPUT
VOLTAGE OUTPUT
MODELS
DAC701 (CSB Code)
0 to +10
T
V
DAC703 (COB Code)
±10
TT
T
V
Output Current
±5
TT
T
mA
Output Impedance
0.15
TT
T
Ω
Short Circuit to
Common Duration
Indefinite
TT
T
CURRENT OUTPUT
MODELS
DAC702 (COB Code)(10)
±1
TT
T
mA
Output Impedance(10)
2.45
TT
T
k
Ω
Compliance Voltage
±2.5
TT
T
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com