Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC707 Datasheet(PDF) 2 Page - Texas Instruments

Part # DAC707
Description  Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC707 Datasheet(HTML) 2 Page - Texas Instruments

  DAC707 Datasheet HTML 1Page - Texas Instruments DAC707 Datasheet HTML 2Page - Texas Instruments DAC707 Datasheet HTML 3Page - Texas Instruments DAC707 Datasheet HTML 4Page - Texas Instruments DAC707 Datasheet HTML 5Page - Texas Instruments DAC707 Datasheet HTML 6Page - Texas Instruments DAC707 Datasheet HTML 7Page - Texas Instruments DAC707 Datasheet HTML 8Page - Texas Instruments DAC707 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
®
DAC707/708/709
2
SPECIFICATIONS
ELECTRICAL
At TA = +25°C, VCC = ±15V, VDD = +5V, and after a 10-minute warm-up, unless otherwise noted.
DAC707/708/709KH,
DAC707/708/
DAC707JP
DAC707KP
709BH, SH
PRODUCT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
INPUT
DIGITAL INPUT
Resolution
16
*
*
Bits
Bipolar Input Code (all models)
Binary Two’s Complement
*
*
Unipolar Input Code(1) (DAC708/709 only)
Unipolar Straight Binary
*
Logic Levels(2): VIH
+2.0
+5.5
*
*
*
*
V
VIL
–1.0
+0.8
*
*
*
*
V
IIH (VI = +2.7V)
1
*
*
µA
IIL (VI = +0.4V)
1
*
*
µA
TRANSFER CHARACTERISTICS
ACCURACY(3)
Linearity Error
±0.003
±0.006
±0.0015
±0.003
*
*
% of FSR(4)
Differential Linearity Error(5)
±0.0045
±0.012
±0.003
±0.006
*
*
% of FSR
at Bipolar Zero(5, 6)
±0.003
±0.006
±0.0015
±0.003
% of FSR
Gain Error(7)
±0.07
±0.30
*
±0.15
±0.05
±0.10
%
Zero Error(7)
±0.05
±0.1
*
*
*
*
% of FSR
Monotonicity Over Spec Temp Range
13
14
14
Bits
Power Supply Sensitivity: +VCC, –VCC
±0.0015
±0.006
*
*
*
±0.003
% of FSR/%VCC
VDD
±0.0001
±0.001
*
*
*
*
% of FSR/%VDD
DRIFT (Over Spec Temp Range(3))
Total Error Over Temp Range(8)
±0.08
*
±0.15
*
±0.10
% of FSR
Total Full Scale Drift
±10
*
±25
*
±15
ppm of FSR/
°C
Gain Drift
±10
±30
*
±25
±7
±15
ppm/
°C
Zero Drift: Unipolar (DAC708/709 only)
±2.5
±5
±1.5
±3
ppm of FSR/
°C
Bipolar (all models)
±5
±15
*
±12
±4
±10
ppm of FSR/
°C
Differential Linearity Over Temp(5)
±0.012
+0.009,
*
–0.006
% of FSR
Linearity Error Over Temp(5)
±0.012
±0.006
*
% of FSR
SETTLING TIME (to
±0.003% of FSR)(9)
Voltage Output Models
Full Scale Step (2k
Ω load)
4
*
8
*
8
µs
1LSB Step at Worst Case Code(10)
2.5
*
4
*
4
µs
Slew Rate
10
*
*
V/
µs
Current Output Models
Full Scale Step (2mA): 10 to 100
Ω Load
350
*
ns
1k
Ω Load
1
*
µs
OUTPUT
VOLTAGE OUTPUT MODELS
Output Voltage Range
DAC709: Unipolar (USB Code)
0 to +10
*
V
Bipolar (BTC Code)
±5, ±10
*
V
DAC707 Bipolar (BTC Code)
±10
*
*
V
Output Current
±5*
*
mA
Output Impedance
0.15
*
*
Ω
Short Circuit to Common Duration
Indefinite
*
*
CURRENT OUTPUT MODELS
Output Current Range (
±30% typ)
DAC708: Unipolar (USB Code)
0 to –2
*
mA
Bipolar (BTC Code)
±1*
mA
Unipolar Output Impedance (
±30% typ)
4.0
*
k
Ω
Bipolar Output Impedance (
±30% typ)
2.45
*
k
Ω
Compliance Voltage
±2.5
*
V
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com