Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5687IPZPR Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5687IPZPR
Description  16-BIT, 500 MSPS 2?? INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5687IPZPR Datasheet(HTML) 39 Page - Texas Instruments

Back Button DAC5687IPZPR Datasheet HTML 35Page - Texas Instruments DAC5687IPZPR Datasheet HTML 36Page - Texas Instruments DAC5687IPZPR Datasheet HTML 37Page - Texas Instruments DAC5687IPZPR Datasheet HTML 38Page - Texas Instruments DAC5687IPZPR Datasheet HTML 39Page - Texas Instruments DAC5687IPZPR Datasheet HTML 40Page - Texas Instruments DAC5687IPZPR Datasheet HTML 41Page - Texas Instruments DAC5687IPZPR Datasheet HTML 42Page - Texas Instruments DAC5687IPZPR Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 79 page
background image
www.ti.com
Σ
Q(t)
I(t)
11
11
10
qmc_gain_a/210
{0, 1/210, ..., 2 – 1/210}
X
X
X
qmc_phase/210
{–1/2, –1/2 + 1/210, ..., 1/2 – 1/210}
qmc_gain_b/210
{0, 1/210, ..., 2 – 1/210}
B0164−01
L-
O
L-
O
side-
band
side-
band
Uncorrected
Corrected
C003
DAC Offset Control
DAC5687
SLWS164E – FEBRUARY 2005 – REVISED SEPTEMBER 2006
Figure 40. QMC Block Diagram
Figure 41. Example of Sideband Optimization Using QMC Phase and Gain Adjustments
Registers daca_offset and dacb_offset control the I and Q path offsets and are 13-bit values with a range of
–4096 to 4095. The DAC offset value adds a digital offset to the digital data before digital-to-analog conversion.
The qmc_gain_a and qmc_gain_b registers can be used to back off the signal before the offset to prevent
saturation when the offset value is added to the digital signal. The offset values are in 2s-complement format.
It takes four DAC clock cycles to update the 14-bit DAC5687 offset registers. During the first clock cycle, the two
MSBs,
daca_offset(13:12)
and
dacb_offset(13:12),
are
updated,
followed
by
daca_offset(11:8)
and
dacb_offset(11:8) on the second clock cycle, daca_offset(7:4) and dacb_offset(7:4) on the third clock cycle, and
daca_offset(3:0) and dacb_offset(3:0) on the fourth clock cycle.
Copyright © 2005–2006, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Link(s): DAC5687



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com