Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24C21 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # 24C21
Description  2-Wire Serial EEPROM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

24C21 Datasheet(HTML) 4 Page - ATMEL Corporation

  24C21 Datasheet HTML 1Page - ATMEL Corporation 24C21 Datasheet HTML 2Page - ATMEL Corporation 24C21 Datasheet HTML 3Page - ATMEL Corporation 24C21 Datasheet HTML 4Page - ATMEL Corporation 24C21 Datasheet HTML 5Page - ATMEL Corporation 24C21 Datasheet HTML 6Page - ATMEL Corporation 24C21 Datasheet HTML 7Page - ATMEL Corporation 24C21 Datasheet HTML 8Page - ATMEL Corporation 24C21 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
AT24C21
4
Note:
1. This parameter is characterized and is not 100% tested.
AC Characteristics
Applicable over recommended operating range from T
A = -40°C to +85°C, VCC = +2.5V to +5.5V CL = 1 TTL Gate and
100 pF (unless otherwise noted).
Symbol
Parameter
2.5-volt
Units
Min
Max
f
SCL
Clock Frequency, SCL
0
100
KHz
t
LOW
Clock Pulse Width Low
4.7
µs
t
HIGH
Clock Pulse Width High
4.0
µs
t
I
Noise Suppression Time(1)
(SDA and SCL pins)
NA
ns
t
AA
Clock Low to Data Out Valid
0.1
3.5
µs
t
BUF
Time the bus must be free before a new
transmission can start
4.7
µs
t
HD.STA
Start Hold Time
4.0
µs
t
SU.STA
Start Set-up Time
4.7
µs
t
HD.DAT
Data In Hold Time
0
µs
t
SU.DAT
Data In Set-up Time
250
ns
t
R
Inputs Rise Time(1)
1.0
µs
t
F
Inputs Fall Time(1)
300
ns
t
SU.STO
Stop Set-up Time
4.0
µs
t
DH
Data Out Hold Time
100
ns
t
WR
Write Cycle Time
10
ms
Endurance(1)
5.0V, 25°C, Page Mode
1M
Write Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com