Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM26LS31MW/883 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # AM26LS31MW/883
Description  DS26LS31MQML Quad High Speed Differential Line Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM26LS31MW/883 Datasheet(HTML) 2 Page - Texas Instruments

  AM26LS31MW/883 Datasheet HTML 1Page - Texas Instruments AM26LS31MW/883 Datasheet HTML 2Page - Texas Instruments AM26LS31MW/883 Datasheet HTML 3Page - Texas Instruments AM26LS31MW/883 Datasheet HTML 4Page - Texas Instruments AM26LS31MW/883 Datasheet HTML 5Page - Texas Instruments AM26LS31MW/883 Datasheet HTML 6Page - Texas Instruments AM26LS31MW/883 Datasheet HTML 7Page - Texas Instruments AM26LS31MW/883 Datasheet HTML 8Page - Texas Instruments AM26LS31MW/883 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
DS26LS31MQML
SNOSAM5B – AUGUST 2005 – REVISED APRIL 2013
www.ti.com
Top View
Figure 1. CDIP Package
See Package Numbers NAJ0020A, NFE0016A, NAD0016A
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
Supply Voltage
7V
Input Voltage
7V
Output Voltage
5.5V
Output Voltage (Power OFF)
−0.25 to 6V
Maximum Power Dissipation at 25°C(2)
NFE0016A Package
1400 mW
NAJ0020A Package
1600 mW
NAD0016A Package
850 mW
Junction Temperature (TJ)
+150°C
Thermal Resistance, Junction-to-Ambient
θJA
NFE0016A Package
94°C/W derate above +25°C at 10.6 mW/°C
NAJ0020A Package
83°C/W derate above +25°C at 12 mW/°C
NAD0016A Package
163°C/W derate above +25°C at 6.1 mW/°C
Thermal Resistance, Junction-to-Case
θJC
NFE0016A Package
16°C/W
NAJ0020A Package
19°C/W
NAD0016A Package
14°C/W
ESD Tolerance
2500V
(1)
“Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be specified. They are not meant to imply
that the devices should be operated at these limits. The tables of “Electrical Characteristics” provide conditions for actual device
operation.
(2)
Derate CDIP = 11.5 mW/°C, LCCC = 13mW/°C, CLGA = 7.4mW/°C above 25°C.
Recommended Operating Conditions
Supply Voltage, VCC
4.5 V to 5.5 V
Temperature, TA
−55°C to +125°C
2
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: DS26LS31MQML



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com