Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL12T Datasheet(PDF) 13 Page - ams AG

Part # TSL12T
Description  LIGHT-TO-VOLTAGE CONVERTERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL12T Datasheet(HTML) 13 Page - ams AG

Back Button TSL12T Datasheet HTML 7Page - ams AG TSL12T Datasheet HTML 8Page - ams AG TSL12T Datasheet HTML 9Page - ams AG TSL12T Datasheet HTML 10Page - ams AG TSL12T Datasheet HTML 11Page - ams AG TSL12T Datasheet HTML 12Page - ams AG TSL12T Datasheet HTML 13Page - ams AG TSL12T Datasheet HTML 14Page - ams AG TSL12T Datasheet HTML 15Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
TSL12T, TSL13T
LIGHT-TO-VOLTAGE CONVERTERS
TAOS062D − APRIL 2007
12
r
r
Copyright E 2007, TAOS Inc.
The LUMENOLOGY r Company
www.taosinc.com
MANUFACTURING INFORMATION
The reflow profile specified here describes expected maximum heat exposure of devices during the solder
reflow process of the device on a PWB. Temperature is measured at the top of the device. Devices should be
limited to one pass through the solder reflow profile.
Table 1. TSL12T, TSL13T Solder Reflow Profile
PARAMETER
REFERENCE
TSL12T, TSL13T
Average temperature gradient in preheating
2.5°C/sec
Soak time
tsoak
2 to 3 minutes
Time above T1, 217°C
t1
Max 60 sec
Time above T2, 230°C
t2
Max 50 sec
Time above T3, (Tpeak −10°C)
t3
Max 10 sec
Peak temperature in reflow
Tpeak
260° C (−0°C/+5°C)
Temperature gradient in cooling
Max −5°C/sec
t3
t2
t1
tsoak
T3
T2
T1
Tpeak
Not to scale — for reference only
Time (sec)
Figure 18. TSL12T, TSL13T Solder Reflow Profile



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com