Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL202R Datasheet(PDF) 2 Page - ams AG

Part # TSL202R
Description  128  1 LINEAR SENSOR ARRAY
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL202R Datasheet(HTML) 2 Page - ams AG

  TSL202R Datasheet HTML 1Page - ams AG TSL202R Datasheet HTML 2Page - ams AG TSL202R Datasheet HTML 3Page - ams AG TSL202R Datasheet HTML 4Page - ams AG TSL202R Datasheet HTML 5Page - ams AG TSL202R Datasheet HTML 6Page - ams AG TSL202R Datasheet HTML 7Page - ams AG TSL202R Datasheet HTML 8Page - ams AG TSL202R Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TSL202R
128 y 1 LINEAR SENSOR ARRAY
TAOS032F − JANUARY 2012
1
The LUMENOLOGY
r Company
r
r
Copyright
E 2012, TAOS Inc.
www.taosinc.com
D 128 × 1 Sensor-Element Organization
D 200 Dots-Per-Inch (DPI) Sensor Pitch
D High Linearity and Uniformity
D Wide Dynamic Range . . . 2000:1 (66 dB)
D Output Referenced to Ground
D Low Image Lag . . . 0.5% Typ
D Operation to 5 MHz
D Single 5-V Supply
D Replacement for TSL202
Description
The TSL202R linear sensor array consists of two sections of 64 photodiodes and associated charge amplifier
circuitry arranged to form a contiguous 128
× 1 array. The pixels measure 120 μm (H) by 70 μm (W) with 125-μm
center-to-center spacing and 55-
μm spacing between pixels. Operation is simplified by internal control logic that
requires only a serial-input (SI) signal and a clock.
The TSL202R is intended for use in a wide variety of applications including mark detection and code reading,
optical character recognition (OCR) and contact imaging, edge detection and positioning as well as optical linear
and rotary encoding.
Functional Block Diagram (each section — pin numbers apply to section 1)
2
3
SI
CLK
64-Bit Shift Register
Q64
Switch Control Logic
Pixel
2
Pixel
64
Pixel
3
Analog
Bus
Q3
Q2
Q1
Output
Amplifier
Gain
Trim
VDD
AO
GND
5
1
4
RL
(External
330
W
Load)
Integrator
Reset
_
+
Pixel 1
Sample/
Output
S1
S2
2
1
3
1
2
r
r
Texas Advanced Optoelectronic Solutions Inc.
1001 Klein Road
S Suite 300 S Plano, TX 75074 S (972) 673-0759
(TOP VIEW)
NC − No internal connection
VDD 1
SI1 2
CLK 3
AO1 4
GND 5
SO2 6
NC 7
14 NC
13 SO1
12 GND
11 NC
10 SI2
9 NC
8 AO2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com