Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL210 Datasheet(PDF) 4 Page - ams AG

Part # TSL210
Description  640 횞 1 LINEAR SENSOR ARRAY
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL210 Datasheet(HTML) 4 Page - ams AG

  TSL210 Datasheet HTML 1Page - ams AG TSL210 Datasheet HTML 2Page - ams AG TSL210 Datasheet HTML 3Page - ams AG TSL210 Datasheet HTML 4Page - ams AG TSL210 Datasheet HTML 5Page - ams AG TSL210 Datasheet HTML 6Page - ams AG TSL210 Datasheet HTML 7Page - ams AG TSL210 Datasheet HTML 8Page - ams AG TSL210 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TSL210
640 × 1 LINEAR SENSOR ARRAY
TAOS039D − AUGUST 2011
3
The LUMENOLOGY
r Company
r
r
Copyright
E 2011, TAOS Inc.
www.taosinc.com
The output and reset of the integrators in each section are controlled by a 128-bit shift register and reset logic.
An output cycle is initiated by clocking in a logic 1 on SI. As the SI pulse is clocked through the shift register,
the charge stored on the sampling capacitors of each pixel is sequentially connected to a charge-coupled output
amplifier that generates a voltage on analog output AO (given above). After being read, the pixel integrator is
then reset, and the next integration period begins for that pixel. On the 129th clock rising edge, the SO pulse
is clocked out on SO signifying the end of the read cycle. The section is then ready for another read cycle. The
SO of each section can be connected to SI on the next section in the array (Figure 4). SO can be used to signify
the read is complete.
AO is driven by a source follower that requires an external pulldown resistor (330-
Ω typical). The output is
nominally 0 V for no light input, 2 V for normal white-level, and 3.4 V for saturation light level. When the device
is not in the output phase, AO is in a high impedance state.
A 0.1
μF bypass capacitor should be connected between VDD and ground as close as possible to the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com