Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL237 Datasheet(PDF) 4 Page - ams AG

Part # TSL237
Description  HIGH-SENSITIVITY LIGHT-TO-FREQUENCY CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL237 Datasheet(HTML) 4 Page - ams AG

  TSL237 Datasheet HTML 1Page - ams AG TSL237 Datasheet HTML 2Page - ams AG TSL237 Datasheet HTML 3Page - ams AG TSL237 Datasheet HTML 4Page - ams AG TSL237 Datasheet HTML 5Page - ams AG TSL237 Datasheet HTML 6Page - ams AG TSL237 Datasheet HTML 7Page - ams AG TSL237 Datasheet HTML 8Page - ams AG TSL237 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TSL237
HIGH-SENSITIVITY
LIGHT-TO-FREQUENCY CONVERTER
TAOS052J − SEPTEMBER 2008
3
The LUMENOLOGY
r Company
r
r
Copyright
E 2008, TAOS Inc.
www.taosinc.com
TYPICAL CHARACTERISTICS
1
0.1
0.01
0.001
0.001
0.01
0.1
1
10
10
100
OUTPUT FREQUENCY
vs
IRRADIANCE
10 0
1 k
Ee − Irradiance − μW/cm2
VDD = 5 V
λp = 524 nm
TA = 25°C
1000
Figure 1
Figure 2
300
400
500
600
700
1000
800
900
1100
λ − Wavelength − nm
PHOTODIODE SPECTRAL RESPONSIVITY
0
0.2
0.4
0.6
0.8
1
Figure 3
SUPPLY CURRENT
vs.
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
0
0.4
0.8
1.2
1.6
2.0
−25
−5
15
35
55
75
Figure 4
OUTPUT FREQUENCY
vs.
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
−25
−5
15
35
55
75
0.900
0.925
0.950
0.975
1.000
1.025
1.050
1.075
1.100



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com