Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL238 Datasheet(PDF) 2 Page - ams AG

Part # TSL238
Description  HIGH-SENSITIVITY LIGHT-TO-FREQUENCY CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL238 Datasheet(HTML) 2 Page - ams AG

  TSL238 Datasheet HTML 1Page - ams AG TSL238 Datasheet HTML 2Page - ams AG TSL238 Datasheet HTML 3Page - ams AG TSL238 Datasheet HTML 4Page - ams AG TSL238 Datasheet HTML 5Page - ams AG TSL238 Datasheet HTML 6Page - ams AG TSL238 Datasheet HTML 7Page - ams AG TSL238 Datasheet HTML 8Page - ams AG TSL238 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TSL238
HIGH-SENSITIVITY
LIGHT-TO-FREQUENCY CONVERTER
TAOS073J − SEPTEMBER 2008
1
The LUMENOLOGY
r Company
r
r
Copyright
E 2008, TAOS Inc.
www.taosinc.com
D High-Resolution Conversion of Light
Intensity to Frequency With No External
Components
D High Irradiance Responsivity . . .
2.3 kHz/(
mW/cm2) at λp = 524 nm
D Low Dark Frequency ...< 2 Hz at 255 C
D Single-Supply Operation . . . 2.7 V to 5.5 V
D Stable 200 ppm/°C Temperature Coefficient
D Interfaces Directly to a Microcontroller
D Lead (Pb) Free Package
D RoHS Compliant
Description
The TSL238 light-to-frequency converter combines a silicon photodiode and a current-to-frequency converter
on a single monolithic CMOS integrated circuit. Output is a square wave (50% duty cycle) with frequency directly
proportional to light intensity (irradiance) on the photodiode. The digital output allows direct interface to a
microcontroller or other logic circuitry. Output enable (OE) places the output in a high-impedance state for
multiple-unit sharing of a microcontroller input line. The device has been temperature compensated for the
ultraviolet-to-visible light range of 320 nm to 700 nm and responds over the light range of 320 nm to 1050 nm.
The TSL238 is characterized for operation over the temperature range of −40
°C to 85°C and is supplied in an
8-lead plastic small outline package. When supplied in the lead (Pb) free package, the device is RoHS
compliant.
For automotive and other extended temperature applications, please contact TAOS for information.
Functional Block Diagram
Light
Current-to-Frequency
Converter
Photodiode
Output
Available Options
DEVICE
TA
PACKAGE − LEADS
PACKAGE DESIGNATOR
ORDERING NUMBER
TSL238
−25
°C to 70°C
8-lead Plastic Small Outline IC
D
TSL238D
r
r
Texas Advanced Optoelectronic Solutions Inc.
1001 Klein Road
S Suite 300 S Plano, TX 75074 S (972) 673-0759
8 OUT
7 VDD
6 GND
5 OE
PACKAGE D
8-LEAD SOIC
(TOP VIEW)
NC 1
NC 2
NC 3
NC 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com