Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL245 Datasheet(PDF) 2 Page - ams AG

Part # TSL245
Description  INFRARED LIGHT-TO-FREQUENCY CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL245 Datasheet(HTML) 2 Page - ams AG

  TSL245 Datasheet HTML 1Page - ams AG TSL245 Datasheet HTML 2Page - ams AG TSL245 Datasheet HTML 3Page - ams AG TSL245 Datasheet HTML 4Page - ams AG TSL245 Datasheet HTML 5Page - ams AG TSL245 Datasheet HTML 6Page - ams AG TSL245 Datasheet HTML 7Page - ams AG TSL245 Datasheet HTML 8Page - ams AG TSL245 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TSL245R
INFRARED LIGHT-TO-FREQUENCY CONVERTER
TAOS060D − SEPTEMBER 2007
1
The LUMENOLOGY r Company
r
r
Copyright E 2007, TAOS Inc.
www.taosinc.com
D High-Resolution Conversion of Light
Intensity to Frequency With No External
Components
D Communicates Directly With a
Microcontroller
D Compact Three-Leaded Plastic Package
D Integral Visible-Light Cutoff Filter
D Single-Supply Operation . . . 2.7 V to 5.5 V
D High Irradiance Responsivity ...Typically
500 Hz/(μW/cm2) at 940 nm
D Nonlinearity Error Typically 0.2% at 100 kHz
D Available in Through-Hole and Surface
Mount Three-Lead Sidelooker Packages
D Replacement for TSL245
D Lead (Pb) Free Package Option Available
Description
The TSL245R light-to-frequency converter combines a silicon photodiode and a current-to-frequency converter
on a single monolithic CMOS integrated circuit. Output is a square wave (50% duty cycle) with frequency directly
proportional to light intensity (irradiance) on the photodiode. The digital output allows direct interface to a
microcontroller or other logic circuitry. The TSL245R is characterized for operation over the temperature range
of −25°C to 70°C and is supplied in a 3-lead plastic side-looker package with an integral visible-light cutoff filter
and lens. When supplied in the lead (Pb) free package, the devices are RoHS compliant.
Functional Block Diagram
Light
Current-to-Frequency
Converter
Photodiode
Output
Available Options
DEVICE
TA
PACKAGE − LEADS
PACKAGE DESIGNATOR ORDERING NUMBER
TSL245R −25°C to 70°
3-lead Sidelooker
S
TSL245R
TSL245R −25°C to 70°
3-lead Sidelooker — Lead (Pb) Free
S
TSL245R−LF
TSL245R −25°C to 70°
3-lead Surface Mount Sidelooker
SM
TSL245RSM
TSL245R −25°C to 70°
3-lead Surface Mount Side-Looker — Lead (Pb)
Free
SM
TSL245RSM−LF
r
r
Texas Advanced Optoelectronic Solutions Inc.
1001 Klein Road S Suite 300 S Plano, TX 75074 S (972) 673-0759
PACKAGE S
SIDELOOKER
(FRONT VIEW)
1
GND
2
VDD
3
OUT
PACKAGE SM
SURFACE MOUNT
SIDELOOKER
(FRONT VIEW)
1
GND
2
VDD
3
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com