Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL253R Datasheet(PDF) 6 Page - ams AG

Part # TSL253R
Description  LIGHT-TO-VOLTAGE OPTICAL SENSOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL253R Datasheet(HTML) 6 Page - ams AG

Back Button TSL253R Datasheet HTML 2Page - ams AG TSL253R Datasheet HTML 3Page - ams AG TSL253R Datasheet HTML 4Page - ams AG TSL253R Datasheet HTML 5Page - ams AG TSL253R Datasheet HTML 6Page - ams AG TSL253R Datasheet HTML 7Page - ams AG TSL253R Datasheet HTML 8Page - ams AG TSL253R Datasheet HTML 9Page - ams AG TSL253R Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TSL253R
LIGHT-TO-VOLTAGE OPTICAL SENSOR
TAOS053D − SEPTEMBER 2007
5
The LUMENOLOGY r Company
r
r
Copyright E 2007, TAOS Inc.
www.taosinc.com
TYPICAL CHARACTERISTICS
θ − Angular Displacement
TSL253R
80°
60°
40°
20°
0°
80°
60°
40°
20°
NORMALIZED OUTPUT VOLTAGE
vs
ANGULAR DISPLACEMENT
Figure 6
0
0.2
0.4
0.6
0.8
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com