Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL260R Datasheet(PDF) 2 Page - ams AG

Part # TSL260R
Description  INFRARED LIGHT-TO-VOLTAGE OPTICAL SENSORS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL260R Datasheet(HTML) 2 Page - ams AG

  TSL260R Datasheet HTML 1Page - ams AG TSL260R Datasheet HTML 2Page - ams AG TSL260R Datasheet HTML 3Page - ams AG TSL260R Datasheet HTML 4Page - ams AG TSL260R Datasheet HTML 5Page - ams AG TSL260R Datasheet HTML 6Page - ams AG TSL260R Datasheet HTML 7Page - ams AG TSL260R Datasheet HTML 8Page - ams AG TSL260R Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
TSL260R, TSL261R, TSL262R
INFRARED LIGHT-TO-VOLTAGE OPTICAL SENSORS
TAOS049E −SEPTEMBER 2007
1
The LUMENOLOGY r Company
r
r
Copyright E 2007, TAOS Inc.
www.taosinc.com
D Integral Visible Light Cutoff Filter
D Monolithic Silicon IC Containing
Photodiode, Operational Amplifier, and
Feedback Components
D Converts Light Intensity to a Voltage
D High Irradiance Responsivity, Typically
111 mV/(mW/cm2) at lp = 940 nm (TSL260R)
D Compact 3-Lead Plastic Package
D Single Voltage Supply Operation
D Low Dark (Offset) Voltage....10mV Max
D Low Supply Current......1.1 mA Typical
D Wide Supply-Voltage Range.... 2.7 V to 5.5 V
D Replacements for TSL260, TSL261, and
TSL262
D RoHS Compliant (−LF Package Only)
Description
The TSL260R, TSL261R, and TSL262R are infrared light-to-voltage optical sensors, each combining a
photodiode and a transimpedance amplifier (feedback resistor = 16 MΩ, 8 MΩ, and 2.8 MΩ respectively) on a
single monolithic IC. Output voltage is directly proportional to the light intensity (irradiance) on the photodiode.
These devices have improved amplifier offset-voltage stability and low power consumption and are supplied
in a 3-lead plastic sidelooker package with an integral visible light cutoff filter and lens. When supplied in the
lead (Pb) free package, the device is RoHS compliant.
Functional Block Diagram
Voltage
Output
+
−
Available Options
DEVICE
TA
PACKAGE − LEADS
PACKAGE DESIGNATOR ORDERING NUMBER
TSL260R
0°C to 70°C
3-lead Sidelooker
S
TSL260R
TSL260R
0°C to 70°C
3-lead Sidelooker — Lead (Pb) Free
S
TSL260R−LF
TSL260R
0°C to 70°C
3-lead Surface-Mount Sidelooker — Lead (Pb) Free
SM
TSL260RSM−LF
TSL261R
0°C to 70°C
3-lead Sidelooker
S
TSL261R
TSL261R
0°C to 70°C
3-lead Sidelooker — Lead (Pb) Free
S
TSL261R−LF
TSL261R
0°C to 70°C
3-lead Surface-Mount Sidelooker — Lead (Pb) Free
SM
TSL261RSM−LF
TSL262R
0°C to 70°C
3-lead Sidelooker
S
TSL262R
TSL262R
0°C to 70°C
3-lead Sidelooker — Lead (Pb) Free
S
TSL262R−LF
TSL262R
0°C to 70°C
3-lead Surface-Mount Sidelooker — Lead (Pb) Free
SM
TSL262RSM−LF
r
r
Texas Advanced Optoelectronic Solutions Inc.
1001 Klein Road S Suite 300 S Plano, TX 75074 S (972) 673-0759
PACKAGE S
SIDELOOKER
(FRONT VIEW)
1
GND
2
VDD
3
OUT
PACKAGE SM
SURFACE MOUNT
SIDELOOKER
(FRONT VIEW)
1
GND
2
VDD
3
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com