Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL1401CL Datasheet(PDF) 2 Page - ams AG

Part # TSL1401CL
Description  128X1 LINEAR SENSOR ARRAY WITH HOLD
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL1401CL Datasheet(HTML) 2 Page - ams AG

  TSL1401CL Datasheet HTML 1Page - ams AG TSL1401CL Datasheet HTML 2Page - ams AG TSL1401CL Datasheet HTML 3Page - ams AG TSL1401CL Datasheet HTML 4Page - ams AG TSL1401CL Datasheet HTML 5Page - ams AG TSL1401CL Datasheet HTML 6Page - ams AG TSL1401CL Datasheet HTML 7Page - ams AG TSL1401CL Datasheet HTML 8Page - ams AG TSL1401CL Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
TSL1401CL
128 × 1 LINEAR SENSOR ARRAY WITH HOLD
TAOS136 − JULY 2011
1
The LUMENOLOGY
r Company
r
r
Copyright
E 2011, TAOS Inc.
www.taosinc.com
D 128 × 1 Sensor-Element Organization
D 400 Dots-Per-Inch (DPI) Sensor Pitch
D High Linearity and Uniformity
D Wide Dynamic Range . . . 4000:1 (72 dB)
D Output Referenced to Ground
D Low Image Lag . . . 0.5% Typ
D Operation to 8 MHz
D Single 3-V to 5-V Supply
D Rail-to-Rail Output Swing (AO)
D No External Load Resistor Required
D Replacement for TSL1401R−LF
D RoHS Compliant
Description
The TSL1401CL linear sensor array consists of a 128
× 1 array of photodiodes, associated charge amplifier
circuitry, and an internal pixel data-hold function that provides simultaneous-integration start and stop times for
all pixels. The array is made up of 128 pixels, each of which has a photo-sensitive area of 3,524.3 square
micrometers. There is 8-
μm spacing between pixels. Operation is simplified by internal control logic that requires
only a serial-input (SI) signal and a clock.
Functional Block Diagram
1
2
SI
CLK
128-Bit Shift Register
Q128
Switch Control Logic
Q3
Q2
Q1
Hold
Output
Buffer
Gain
Trim
VDD
AO
GND
6, 7
4
3
Integrator
Reset
_
+
Pixel 1
Pixel
2
Pixel
128
Pixel
3
Sample/Hold/
Output
Analog
Bus
S1
S2
2
1
3
1
2
r
r
Texas Advanced Optoelectronic Solutions Inc.
1001 Klein Road
S Suite 300 S Plano, TX 75074 S (972) 673-0759
NC − No internal connection
8 NC
7 GND
6 GND
5 NC
CL PACKAGE
(TOP VIEW)
SI 1
CLK 2
AO 3
VDD 4
Package Drawing is Not to Scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com