Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25010-10PC Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT25010-10PC
Description  SPI Serial EEPROMs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25010-10PC Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT25010-10PC Datasheet HTML 7Page - ATMEL Corporation AT25010-10PC Datasheet HTML 8Page - ATMEL Corporation AT25010-10PC Datasheet HTML 9Page - ATMEL Corporation AT25010-10PC Datasheet HTML 10Page - ATMEL Corporation AT25010-10PC Datasheet HTML 11Page - ATMEL Corporation AT25010-10PC Datasheet HTML 12Page - ATMEL Corporation AT25010-10PC Datasheet HTML 13Page - ATMEL Corporation AT25010-10PC Datasheet HTML 14Page - ATMEL Corporation AT25010-10PC Datasheet HTML 15Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
AT25010/020/040
13
AT25020 Ordering Information
tWP (max)
(ms)
ICC (max)
(
µA)
ISB (max)
(
µA)
fMAX
(kHz)
Ordering Code
Package
Operation Range
10
6000
100
2100
AT25020-10PC
AT25020N-10SC
8P3
8S1
Commercial
(0
°C to 70°C)
100
2100
AT25020-10PI
AT25020N-10SI
8P3
8S1
Industrial
(-40
°C to 85°C)
10
3000
100
2100
AT25020-10PC-2.7
AT25020N-10SC-2.7
8P3
8S1
Commercial
(0
°C to 70°C)
100
2100
AT25020-10PI-2.7
AT25020N-10SI-2.7
8P3
8S1
Industrial
(-40
°C to 85°C)
10
3000
100
500
AT25020-10PC-1.8
AT25020N-10SC-1.8
8P3
8S1
Commercial
(0
°C to 70°C)
100
500
AT25020-10PI-1.8
AT25020N-10SI-1.8
8P3
8S1
Industrial
(-40
°C to 85°C)
Package Type
8P3
8-Lead, 0.300" Wide, Plastic Dual Inline Package (PDIP)
8S1
8-Lead, 0.150" Wide, Plastic Gull Wing Small Outline Package (JEDEC SOIC)
Options
Blank
Standard Device (4.5V to 5.5V)
-2.7
Low Voltage (2.7V to 5.5V)
-1.8
Low Voltage (1.8V to 5.5V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com