Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25128 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT25128
Description  SPI Serial E2PROMs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25128 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT25128 Datasheet HTML 1Page - ATMEL Corporation AT25128 Datasheet HTML 2Page - ATMEL Corporation AT25128 Datasheet HTML 3Page - ATMEL Corporation AT25128 Datasheet HTML 4Page - ATMEL Corporation AT25128 Datasheet HTML 5Page - ATMEL Corporation AT25128 Datasheet HTML 6Page - ATMEL Corporation AT25128 Datasheet HTML 7Page - ATMEL Corporation AT25128 Datasheet HTML 8Page - ATMEL Corporation AT25128 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Block Diagram
Operating Temperature................... -55°C to +125°C
Storage Temperature...................... -65°C to +150°C
Voltage on Any Pin
with Respect to Ground ..................... -1.0V to +7.0V
Maximum Operating Voltage ........................... 6.25V
DC Output Current ......................................... 5.0 mA
*NOTICE: Stresses beyond those listed under “Absolute Maxi-
mum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the
device at these or any other conditions beyond those indi-
cated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions
for extended periods may affect device reliability.
Absolute Maximum Ratings*
The AT25128 is enabled through the Chip Select pin (CS)
and accessed via a 3-wire interface consisting of Serial
Data Input (SI), Serial Data Output (SO), and Serial Clock
(SCK). All programming cycles are completely self-timed,
and no separate ERASE cycle is required before WRITE.
BLOCK WRITE protection is enabled by programming the
status register with one of four blocks of write protection.
Separate program enable and program disable instruc-
tions are provided for additional data protection. Hardware
data protection is provided via the WP pin to protect
against inadvertent write attempts to the status register.
The HOLD pin may be used to suspend any serial commu-
nication without resetting the serial sequence.
Description (Continued)
2
AT25128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com