Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL1406R Datasheet(PDF) 13 Page - ams AG

Part # TSL1406R
Description  768X1 LINEAR SENSOR ARRAY WITH HOLD
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL1406R Datasheet(HTML) 13 Page - ams AG

Back Button TSL1406R Datasheet HTML 7Page - ams AG TSL1406R Datasheet HTML 8Page - ams AG TSL1406R Datasheet HTML 9Page - ams AG TSL1406R Datasheet HTML 10Page - ams AG TSL1406R Datasheet HTML 11Page - ams AG TSL1406R Datasheet HTML 12Page - ams AG TSL1406R Datasheet HTML 13Page - ams AG TSL1406R Datasheet HTML 14Page - ams AG TSL1406R Datasheet HTML 15Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
TSL1406R, TSL1406RS
768 × 1 LINEAR SENSOR ARRAY WITH HOLD
TAOS042D − APRIL 2007
12
r
r
Copyright E 2007, TAOS Inc.
The LUMENOLOGY r Company
www.taosinc.com
MECHANICAL INFORMATION
TOP VIEW
Linear Array
0.015 (0,38) Typical Free Area
113
Bonded Chip
Bypass Cap
DETAIL A
DETAIL A
0.100 (2,54)
BSC
0.100 (2,54) x 12 = 1.2 (30,48)
(Tolerance Noncumulative)
Cover Glass
0.027 (0,69)
Centerline
of Pixels
2.18 (55,4)
2.15 (54,6)
0.510 (12,95)
0.490 (12,45)
0.508 (12,90)
0.488 (12,39)
0.130 (3,30)
0.120 (3,05)
0.242 (6,15)
0.222 (5,64)
0.021 (0,533) DIA
13 Places
0.228 (5,79)
0.208 (5,28)
Cover Glass
(Index of Refraction = 1.52)
0.095 (2,41)
0.080 (2,03)
0.048 (1,22)
0.038 (0,97)
0.047 (1,194)
0.037 (0,940)
0.055 (1,340)
0.045 (1,143)
0.360 (9,144)
0.350 (8,890)
0.0563 (1,430)
0.0461 (1,171)
Dia. 2 places
0.356 (9,042)
0.346 (8,788)
2.086 (52,984)
2.066 (52,476)
Pixel 1
Pixel 768
NOTES: A. All linear dimensions are in inches (millimeters).
B. The gap between the individual sensor dies in the array is 57 μm typical (51 μm minimum and 75 μm maximum).
C. This drawing is subject to change without notice.
Figure 11. TSL1406RS Mechanical Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com