Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL1410R Datasheet(PDF) 11 Page - ams AG

Part # TSL1410R
Description  1280X1 LINEAR SENSOR ARRAY WITH HOLD
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL1410R Datasheet(HTML) 11 Page - ams AG

Back Button TSL1410R Datasheet HTML 5Page - ams AG TSL1410R Datasheet HTML 6Page - ams AG TSL1410R Datasheet HTML 7Page - ams AG TSL1410R Datasheet HTML 8Page - ams AG TSL1410R Datasheet HTML 9Page - ams AG TSL1410R Datasheet HTML 10Page - ams AG TSL1410R Datasheet HTML 11Page - ams AG TSL1410R Datasheet HTML 12Page - ams AG TSL1410R Datasheet HTML 13Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
TSL1410R
1280 × 1 LINEAR SENSOR ARRAY WITH HOLD
TAOS043E − APRIL 2007
10
r
r
Copyright E 2007, TAOS Inc.
The LUMENOLOGY r Company
www.taosinc.com
MECHANICAL INFORMATION
TOP VIEW
Linear Array
Cover Glass
(Index of Refraction = 1.52)
113
Bonded Chip
Bypass Cap
DETAIL A
DETAIL A
0.100 (2,54)
BSC
To Pixel 1
Cover Glass
0.027 (0,690)
Centerline of Pixels is on the
Centerline of Mounting Holes
3.705 (94,11)
3.695 (93,85)
3.548 (90,120)
3.528 (89,611)
0.510 (12,95)
0.490 (12,45)
0.242 (6,15)
0.222 (5,64)
0.175 (4,24)
0.165 (4,19)
1.180 (29,97)
1.170 (29,72)
0.048 (1,22)
0.038 (0,97)
0.021 (0,533) DIA
13 Places
0.228 (5,79)
0.208 (5,28)
0.100 (2,54) x 12 = 1.2 (30,48)
(Tolerance Noncumulative)
0.015 (0,38) Typical Free Area
0.095 (2,21)
0.080 (2,03)
0.091 (2,31)
0.087 (2,21)
DIA (2 Places)
0.086 (2,184)
0.076 (1,930)
0.130 (3,30)
0.120 (3,05)
NOTES: A. All linear dimensions are in inches (millimeters).
B. Pixel centers are in line with center line of mounting holes.
C. The gap between the individual sensor dies in the array is 57 μm typical (51 μm minimum and 75 μm maximum).
D. This drawing is subject to change without notice.
Figure 10. TSL1410R Mechanical Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com