Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2014 Datasheet(PDF) 2 Page - ams AG

Part # TSL2014
Description  896X1 LINEAR SENSOR ARRAY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL2014 Datasheet(HTML) 2 Page - ams AG

  TSL2014 Datasheet HTML 1Page - ams AG TSL2014 Datasheet HTML 2Page - ams AG TSL2014 Datasheet HTML 3Page - ams AG TSL2014 Datasheet HTML 4Page - ams AG TSL2014 Datasheet HTML 5Page - ams AG TSL2014 Datasheet HTML 6Page - ams AG TSL2014 Datasheet HTML 7Page - ams AG TSL2014 Datasheet HTML 8Page - ams AG TSL2014 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TSL2014
896 y 1 LINEAR SENSOR ARRAY
TAOS040C − AUGUST 2011
1
The LUMENOLOGY
r Company
r
r
Copyright
E 2011, TAOS Inc.
www.taosinc.com
D 896 × 1 Sensor-Element Organization
D 200 Dots-Per-Inch (DPI) Sensor Pitch
D High Linearity and Uniformity
D Wide Dynamic Range . . . 2000:1 (66 dB)
D Output Referenced to Ground
D Low Image Lag . . . 0.5% Typ
D Operation to 5 MHz
D Single 5-V Supply
D 112 mm Active Length
Description
The TSL2014 linear sensor array consists of two
sections of 448 photodiodes and associated charge
amplifier circuitry that can be connected to form a
contiguous 896
× 1 array. The pixels measure 120 μm
(H) by 70
μm (W) with 125-μm center-to-center spacing
and 55-
μm spacing between pixels. Operation is
simplified by internal control logic that requires only a
serial-input (SI) signal and a clock.
The TSL2014 is intended for use in a wide variety of
applications including mark detection and code
reading, optical character recognition (OCR) and
contact imaging, edge detection and positioning as well
as optical linear and rotary encoding.
Functional Block Diagram (each section)
SI1 (SI2)
CLK
448-Bit Shift Register
Q448 (896)
Switch Control Logic
Pixel 1
(449)
Pixel
2
(450)
Pixel
448
(896)
Pixel
3
(451)
Analog
Bus
Output
Amplifier
Gain Trim
Q3
Q2
Q1
VDD
RL
External
Load
AO1
(AO2)
SO1
(SO2)
Integrator
Reset
_
+
Sample/
Output
S1
S2
2
1
3
1
2
r
r
Texas Advanced Optoelectronic Solutions Inc.
1001 Klein Road
S Suite 300 S Plano, TX 75074 S (972) 673-0759
VDD 1
SI1 2
AO1 3
SO1 4
SI2 5
CLK 6
GND 7
AO2 8
SO2 9
VDD 10
PACKAGE
(TOP VIEW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com