Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2563 Datasheet(PDF) 2 Page - ams AG

Part # TSL2563
Description  LOW-VOLTAGE LIGHT-TO-DIGITAL CONVERTER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL2563 Datasheet(HTML) 2 Page - ams AG

  TSL2563 Datasheet HTML 1Page - ams AG TSL2563 Datasheet HTML 2Page - ams AG TSL2563 Datasheet HTML 3Page - ams AG TSL2563 Datasheet HTML 4Page - ams AG TSL2563 Datasheet HTML 5Page - ams AG TSL2563 Datasheet HTML 6Page - ams AG TSL2563 Datasheet HTML 7Page - ams AG TSL2563 Datasheet HTML 8Page - ams AG TSL2563 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
TSL2562, TSL2563
LOW-VOLTAGE
LIGHT-TO-DIGITAL CONVERTER
TAOS066N − AUGUST 2010
1
The LUMENOLOGY
r Company
r
r
Copyright
E 2010, TAOS Inc.
www.taosinc.com
D Approximates Human Eye Response
D Programmable Interrupt Function with
User-Defined Upper and Lower Threshold
Settings
D 16-Bit Digital Output with SMBus (TSL2562)
at 100 kHz or I2C (TSL2563) Fast-Mode at
400 kHz
D Programmable Analog Gain and Integration
Time Supporting 1,000,000-to-1 Dynamic
Range
D Automatically Rejects 50/60-Hz Lighting
Ripple
D Low 2.5-V Input Voltage and 1.8-V Digital
Output
D Low Active Power (0.6 mW Typical) with
Power Down Mode
D RoHS Compliant
Description
The TSL2562 and TSL2563 are low-voltage
light-to-digital converters that transform light
intensity to a digital signal output capable of direct
I2C (TSL2563) or SMBus (TSL2562) interface.
Each device combines one broadband photo-
diode (visible plus infrared) and one infrared-re-
sponding photodiode on a single CMOS inte-
grated circuit capable of providing a near-photop-
ic response over an effective 20-bit dynamic
range (16-bit resolution). Two integrating ADCs
convert the photodiode currents to a digital output
that represents the irradiance measured on each
channel. This digital output can be input to a
microprocessor where illuminance (ambient light
level) in lux is derived using an empirical formula
to approximate the human eye response. The
TSL2562 device permits an SMB-Alert style
interrupt, and the TSL2563 device supports a
traditional level style interrupt that remains
asserted until the firmware clears it.
While useful for general purpose light sensing applications, the TSL2562/63 devices are designed particularly
for display panels (LCD, OLED, etc.) with the purpose of extending battery life and providing optimum viewing
in diverse lighting conditions. Display panel backlighting, which can account for up to 30 to 40 percent of total
platform power, can be automatically managed. Both devices are also ideal for controlling keyboard illumination
based upon ambient lighting conditions. Illuminance information can further be used to manage exposure
control in digital cameras. The TSL2562/63 devices are ideal in notebook/tablet PCs, LCD monitors, flat-panel
televisions, cell phones, and digital cameras. In addition, other applications include street light control, security
lighting, sunlight harvesting, machine vision, and automotive instrumentation clusters.
r
r
Texas Advanced Optoelectronic Solutions Inc.
1001 Klein Road
S Suite 300 S Plano, TX 75074 S (972) 673-0759
6 SDA
5 INT
4 SCL
PACKAGE T
6-LEAD TMB
(TOP VIEW)
VDD 1
ADDR SEL 2
GND 3
PACKAGE CS
6-LEAD CHIPSCALE
(TOP VIEW)
VDD 1
ADDR SEL 2
GND 3
6 SDA
5 INT
4 SCL
Package Drawings are Not to Scale
PACKAGE FN
DUAL FLAT NO-LEAD
(TOP VIEW)
6 SDA
5 INT
4 SCL
VDD 1
ADDR SEL 2
GND 3
PACKAGE CL
6-LEAD ChipLED
(TOP VIEW)
4 SCL
3 ADDR SEL
2 GND
SDA 5
INT 6
VDD 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com