Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2771 Datasheet(PDF) 14 Page - ams AG

Part # TSL2771
Description  LIGHT-TO-DIGITAL CONVERTER with PROXIMITY SENSING
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL2771 Datasheet(HTML) 14 Page - ams AG

Back Button TSL2771 Datasheet HTML 10Page - ams AG TSL2771 Datasheet HTML 11Page - ams AG TSL2771 Datasheet HTML 12Page - ams AG TSL2771 Datasheet HTML 13Page - ams AG TSL2771 Datasheet HTML 14Page - ams AG TSL2771 Datasheet HTML 15Page - ams AG TSL2771 Datasheet HTML 16Page - ams AG TSL2771 Datasheet HTML 17Page - ams AG TSL2771 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
TSL2771
LIGHT-TO-DIGITAL CONVERTER
with PROXIMITY SENSING
TAOS100B − FEBRUARY 2011
13
The LUMENOLOGY
r Company
r
r
Copyright
E 2011, TAOS Inc.
www.taosinc.com
State Diagram
Figure 13 shows a more detailed flow for the state machine. The device starts in the sleep mode. The PON bit
is written to enable the device. A 2.72-ms delay will occur before entering the start state. If the PEN bit is set,
the state machine will step through the proximity states of proximity accumulate and then proximity ADC
conversion. As soon as the conversion is complete, the state machine will move to the following state.
If the WEN bit is set, the state machine will then cycle through the wait state. If the WLONG bit is set, the wait
cycles are extended by 12
× over normal operation. When the wait counter terminates, the state machine will
step to the ALS state.
The AEN should always be set, even in proximity-only operation. In this case, a minimum of 1 integration time
step should be programmed. The ALS state machine will continue until it reaches the terminal count at which
point the data will be latched in the ALS register and the interrupt set, if enabled.
Prox
Check
PON = 1
PON = 0
Sleep
ALS
Check
Wait
Check
Start
Wait
WEN = 1
Prox
Accum
Prox
ADC
ALS
ALS
Delay
PEN = 1
AEN = 1
Up to 255 LED Pulses
Pulse Frequency: 62.5 kHz
Time: 16
ms − 4.2 ms
Maximum 4.2ms
Up to 256 steps
Step: 2.72 ms
Time: 2.72 ms − 696 ms
120 Hz Minimum − 8 ms
100 Hz Minimum − 10 ms
Counts up to 256 steps
Step: 2.72 ms
Time: 2.72 mS − 696 ms
Recommended − 2.72 ms 1024 Counts
WLONG = 0
Counts up to 256 steps
Step: 2.72 ms
Time: 2.72 ms − 696 ms
Minimum − 2.72 ms
WLONG = 1
Counts up to 256 steps
Step: 32.64 ms
Time: 32.64 ms − 8.35 s
Minimum − 32.64 ms
Time: 2.72 ms
Prox
Delay
2.72 ms
Figure 13. Expanded State Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com