Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2772 Datasheet(PDF) 21 Page - ams AG

Part # TSL2772
Description  LIGHT-TO-DIGITAL CONVERTER with PROXIMITY SENSING
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL2772 Datasheet(HTML) 21 Page - ams AG

Back Button TSL2772 Datasheet HTML 17Page - ams AG TSL2772 Datasheet HTML 18Page - ams AG TSL2772 Datasheet HTML 19Page - ams AG TSL2772 Datasheet HTML 20Page - ams AG TSL2772 Datasheet HTML 21Page - ams AG TSL2772 Datasheet HTML 22Page - ams AG TSL2772 Datasheet HTML 23Page - ams AG TSL2772 Datasheet HTML 24Page - ams AG TSL2772 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
TSL2772
LIGHT-TO-DIGITAL CONVERTER
with PROXIMITY SENSING
TAOS131 − DECEMBER 2011
20
r
r
Copyright
E 2011, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
ALS Time Register (0x01)
The ALS time register controls the internal integration time of the ALS channel ADCs in 2.73 ms increments.
Upon power up, the ALS time register is set to 0xFF.
Table 6. ALS Integration Time Register
FIELD
BITS
DESCRIPTION
ATIME
7:0
VALUE
INTEG_CYCLES
TIME
MAX COUNT
0xFF
1
2.73 ms
1024
0xF6
10
27.3 ms
10240
0xDB
37
101 ms
37888
0xC0
64
175 ms
65535
0x00
256
699 ms
65535
Proximity Time Register (0x02)
The proximity time register controls the integration time of the proximity ADC in 2.73 ms increments. Upon power
up, the proximity time register is set to 0xFF. It is recommended that this register be programmed to a value of
0xFF (1 integration cycle).
Table 7.
Proximity Integration Time Control Register
FIELD
BITS
DESCRIPTION
PTIME
7:0
VALUE
INTEG_CYCLES
TIME
MAX COUNT
0xFF
1
2.73 ms
1023
Wait Time Register (0x03)
Wait time is set 2.73 ms increments unless the WLONG bit is asserted in which case the wait times are 12
×
longer. WTIME is programmed as a 2’s complement number. Upon power up, the wait time register is set to
0xFF.
Table 8.
Wait Time Register
FIELD
BITS
DESCRIPTION
WTIME
7:0
REGISTER VALUE
WAIT TIME
TIME (WLONG = 0)
TIME (WLONG = 1)
0xFF
1
2.73 ms
0.033 sec
0xB6
74
202 ms
2.4 sec
0x00
256
699 ms
8.4 sec
NOTE: The Proximity Wait Time Register should be configured before PEN and/or AEN is/are asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com