Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL3301CL Datasheet(PDF) 13 Page - ams AG

Part # TSL3301CL
Description  102X1 LINEAR OPTICAL SENSOR ARRAY WITH ANALOG-TO-DIGITAL CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL3301CL Datasheet(HTML) 13 Page - ams AG

Back Button TSL3301CL Datasheet HTML 9Page - ams AG TSL3301CL Datasheet HTML 10Page - ams AG TSL3301CL Datasheet HTML 11Page - ams AG TSL3301CL Datasheet HTML 12Page - ams AG TSL3301CL Datasheet HTML 13Page - ams AG TSL3301CL Datasheet HTML 14Page - ams AG TSL3301CL Datasheet HTML 15Page - ams AG TSL3301CL Datasheet HTML 16Page - ams AG TSL3301CL Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
TSL3301CL
102 × 1 LINEAR OPTICAL SENSOR ARRAY
WITH ANALOG-TO-DIGITAL CONVERTER
TAOS141 − JULY 2011
12
r
r
Copyright
E 2011, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
TYPICAL CHARACTERISTICS
B0
Start
SDIN
SDOUT
SCLK
Beginning of Output Response
END of REGRead Command
B7
Stop
12
3
4
Figure 5. TSL3301CL REGRead Output Response Timing
0.6
0
300
500
700
900
1.2
1100
1.0
0.8
0.4
λ − Wavelength − nm
TA = 25°C
0.2
PHOTODIODE SPECTRAL RESPONSIVITY
Normalized to
660 nm
Figure 6. TSL3301CL Photodiode Spectral Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com