Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2SW-01L1MS Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # D2SW-01L1MS
Description  Sealed Snap Action Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2SW-01L1MS Datasheet(HTML) 5 Page - Omron Electronics LLC

  D2SW-01L1MS Datasheet HTML 1Page - Omron Electronics LLC D2SW-01L1MS Datasheet HTML 2Page - Omron Electronics LLC D2SW-01L1MS Datasheet HTML 3Page - Omron Electronics LLC D2SW-01L1MS Datasheet HTML 4Page - Omron Electronics LLC D2SW-01L1MS Datasheet HTML 5Page - Omron Electronics LLC D2SW-01L1MS Datasheet HTML 6Page - Omron Electronics LLC D2SW-01L1MS Datasheet HTML 7Page - Omron Electronics LLC D2SW-01L1MS Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Sealed Snap Action Switch
D2SW
199
■ Dimensions and Operating Characteristics
Note: 1. Unless otherwise specified, all units are in millimeters and a tolerance of
±0.4 mm applies to all dimensions
2. Omitted dimensions are the same as pin plunger type.
3. The following illustrations and dimensions are for models with solder terminals. Refer to “Terminals” for models with quick-connect (#110)
and PCB terminals.
4. The operating characteristics are for operation in the A direction(
)
Pin Plunger Models
D2SW-3
@S
D2SW-01
@S
0.5
6.4
±0.2
PT
OP
2.9
7.7
10.1
0.8R
1.6
3.2
1.8 dia.
7.5
±0.1
7.3
3.3
±0.1
1.8
1.6
2.5 dia.
±0.07
5.15
0.55
19.8
±0.2
15.5
±0.2
18.7
±0.2
9.5
±0.1
8.5
±0.2
2.35
+0.1
–0.05
2.35
+0.1
–0.05
dia.
holes
A
S
OF
180 gf
RF min.
30 gf
PT max.
0.6 mm
OT min.
0.5 mm
MD max.
0.1 mm
OP
8.4
± 0.3 mm
Hinge Lever Models
D2SW-3L1
@S
D2SW-01L1
@S
14.5
OP
t = 0.3 Stain-
less-steel lever
5.9
3.6
FP
A
S
OF
60 gf
RF min.
6 gf
OT min.
1.0 mm
MD max.
0.8 mm
FP max.
13.6 mm
OP
8.8
± 0.8 mm
Simulated Roller Lever Models
D2SW-3L3
@S
D2SW-01L3
@S
15.8
OP
FP
5.9
3.6
t = 0.3 Stain-
less-steel lever
1.3R
A
S
OF
60 gf
RF min.
6 gf
OT min.
1.0 mm
MD max.
0.8 mm
FP max.
15.5 mm
OP
10.7
± 0.8 mm
Hinge Roller Lever Models
D2SW-3L2
@S
D2SW-01L2
@S
t = 0.3 Stain-
less-steel lever
14.5
OP
FP
5.9
4.8 dia.
3.2
Polyacetal roller
A
S
OF
60 gf
RF min.
6 gf
OT min.
1.0 mm
MD max.
0.8 mm
FP max.
19.3 mm
OP
14.5
± 0.8 mm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com