Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A22Z-3003 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # A22Z-3003
Description  Specifications Common to All
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-3003 Datasheet(HTML) 2 Page - Omron Electronics LLC

  A22Z-3003 Datasheet HTML 1Page - Omron Electronics LLC A22Z-3003 Datasheet HTML 2Page - Omron Electronics LLC A22Z-3003 Datasheet HTML 3Page - Omron Electronics LLC A22Z-3003 Datasheet HTML 4Page - Omron Electronics LLC A22Z-3003 Datasheet HTML 5Page - Omron Electronics LLC A22Z-3003 Datasheet HTML 6Page - Omron Electronics LLC A22Z-3003 Datasheet HTML 7Page - Omron Electronics LLC A22Z-3003 Datasheet HTML 8Page - Omron Electronics LLC A22Z-3003 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
All A22/M22 Assemblies
All A22/M22 Assemblies
31
Incandescent Lamp
Rated voltage
Rated current
Operating voltage
6VDC
200 mA
5V
14 VAC/DC
80 mA
12 V
28 VAC/DC
40 mA
24 V
130 VAC/DC
20 mA
100 V
Transformer Lighting
Rated voltage
Operational voltage
Applicable lamp (BA8S/13j gold)
110 VAC
95 to 115 VAC
LED Lamp (A22-24Aj)
220 VAC
190 to 230 VAC
a p (
j
)
J
CHARACTERISTICS
Item
Pushbutton switches
Emergency stop switches
Knob-type selector switches Key-type
selector
switch
Non-illuminated
models:
A22-F, A22-T,
A22-G,
A22-S, A22-C,
A22-D,
A22-H, A22-M
Illuminated
models:
A22L-T,
A22L-G,
A22L-H,
A22L-D,
A22L-C
Non-illuminated
models: A22E
Illuminated
models:
A22EL
Non-illuminated
models: A22S
Illuminated
models:
A22W
Non-illuminated
models: A22K
Allowable
operating
f
Mechanical Momentary operation:
60 operations/min max.
30 operations/min max.
Manual release: 30 operations/min max.
Automatic release: 30 operations/min max.
operating
frequency
Electrical
30 operations/min max.
30 operations/min max.
Insulation resistance
100 MΩ min. (at 500 VDC)
Dielectric strength
2,500 VAC, 50/60 Hz for 1 min between terminals of same polarity
2,500 VAC, 50/60 Hz for 1 min between terminals of different polarity and also between each terminal and
ground
Vibration resistance
(See note 2)
Malfunction: 10 to 55 Hz, 1.5-mm double amplitude (malfunction within 1 ms)
Shock
resistance
Mechanical 1,000 m/s2
{100G}
1,000 m/s2
{100G}
1,000 m/s2 {100G}
1,000 m/s2
{100G}
1,000 m/s2
{100G}
1,000 m/s2
{100G}
resistance
Malfunction
(See note 2)
1,000 m/s2
{100G} max.
600 m/s2
{60G} max.
250 m/s2 {25G} max.
1,000 m/s2
{100G} max.
600 m/s2
{60G} max.
1,000 m/s2
{100G} max.
Life
expectancy
Mechanical Momentary operation:
5,000,000 operations min.
Momentary operation:
300,000 operations min.
500,000
operations
min.
100,000
operations
min.
500,000
operations
min.
Electrical
500,000 operations min.
300,000
operations
min.
300,000
operations
min.
500,000
operations
min.
100,000
operations
min.
500,000
operations
min.
Ambient temperature
(See note 1 )
Operating:
-20°Cto70°C
(-4°Fto
158°F)
Storage:
-40°Cto70°C
(-40°Fto
158°F)
Operating:
-20°Cto
55°C
(-4°Fto
131°F)
Storage:
-40°Cto
70°C(-40°F
to 158°F)
Operating:
-20°Cto70°C
(-4°Fto
158°F)
Storage:
-40°Cto70°C
(-40°Fto
158°F)
Operating:
-20°Cto
55°C (-4°F
to 131°F)
Storage:
-40°Cto
70°C (-40°F
to 158°F)
Operating:
-20°Cto70°C
(-4°Fto
158°F)
Storage:
-40°Cto70°C
(-40°Fto
158°F)
Operating:
-20°Cto
55°C(-4°F
to 131°F)
Storage:
-40°Cto
70°C (-40°F
to 158°F)
Operating:
-20°Cto70°C
(-4°Fto
158°F)
Storage:
-40°Cto70°C
(-40°Fto
158°F)
Ambient humidity
Operating: 35% to 85%
Degree of protection
IP65
Electric shock protection
class
Class II
Degree of contamination 3 (IEC947-5-1)
Note: 1. With no icing or condensation.
2. Malfunction within 1 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com