Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G3S-201PL Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G3S-201PL
Description  Solid State Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3S-201PL Datasheet(HTML) 2 Page - Omron Electronics LLC

  G3S-201PL Datasheet HTML 1Page - Omron Electronics LLC G3S-201PL Datasheet HTML 2Page - Omron Electronics LLC G3S-201PL Datasheet HTML 3Page - Omron Electronics LLC G3S-201PL Datasheet HTML 4Page - Omron Electronics LLC G3S-201PL Datasheet HTML 5Page - Omron Electronics LLC G3S-201PL Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
398
Solid State Relay
G3S/G3SD
Specifications
■ Ratings (at an Ambient Temperature of 25°C)
Input
Output
■ Characteristics
Rated voltage
Operating voltage
Impedance
Voltage level
G3S-201PL/201PL-PD
G3S-Z01PL/Z01P-PD
Must operate
Must release
5VDC
4 to 6 VDC
450
Ω±20%
630
Ω±20%
4 VDC max,
1 VDC min.
12 VDC
9.6 to 14.4 VDC
1.1
κΩ±20%
1.5 k
Ω±20%
9.6 VDC max.
24 VDC
19.2 to 28.8 VDC
2.2
κΩ±20%
2.8 k
Ω±20%
19.2 VDC max.
Model
Applicable load
Rated load voltage
Rated load voltage range
Load current
Inrush current
G3S-201PL
100 to 240 VAC
75 to 264 VAC
0.1 to 1A
15 A (60 Hz, 1 cycle)
G3S-201PL-PD
0.1 to 1.2 A
G3SD-Z01PL
4 to 24 VDC
3 to 26 VDC
0.01 to 1A
3 A (10 ms)
G3SD-Z01PL-PD
0.01 to 1.1 A
Item
G3S-201PL/201PL-PD
G3SD-Z01PL/Z01P-PD
Operate time
1 ms max.
Release time
1/2 of load power source cycle + 1 ms. max.
1 ms. max.
Output ON voltage drop
1.6 V (RMS) max.
1.5 V max.
Leakage current
2 mA max.
0.1 mA max. (at 26 VDC)
Insulation resistance
100 M
Ω min. (500 VDC)
Dielectric strength
2,500 VAC, 50/60 Hz for 1 min
Vibration resistance
Malfunction: 10 to 55 Hz, 1.5-mm double amplitude
Shock resistance
Malfunction: 1,000 m/s2
Ambient temperature
Operating:
Storage:
-30
°C to 80°C (with no icing or condensation)
-30
°C to 100°C (with no icing or condensation)
Ambient humidity
Operating: 45% to 85%
Approved standards
UL File No. E64562/CSA File No. LR35535
Weight
Approx. 13 g



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com