Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLT2F15 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # TLT2F15
Description  Slim Proximity Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

TLT2F15 Datasheet(HTML) 2 Page - Omron Electronics LLC

  TLT2F15 Datasheet HTML 1Page - Omron Electronics LLC TLT2F15 Datasheet HTML 2Page - Omron Electronics LLC TLT2F15 Datasheet HTML 3Page - Omron Electronics LLC TLT2F15 Datasheet HTML 4Page - Omron Electronics LLC TLT2F15 Datasheet HTML 5Page - Omron Electronics LLC TLT2F15 Datasheet HTML 6Page - Omron Electronics LLC TLT2F15 Datasheet HTML 7Page - Omron Electronics LLC TLT2F15 Datasheet HTML 8Page - Omron Electronics LLC TLT2F15 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TL-T
Ratings and Specifications
Model
Item
TL-T2E1
TL-T2E2
TL-T2F1
TL-T2Y1
TL-T2Y2
TL-T5ME1
TL-T5ME2
TL-T5MY1
TL-T5MY2
Sensing distance
2 mm
±10%
5 mm
±10%
Setting distance
0 to 1.6 mm
0 to 4 mm
Differential travel
10% max. of sensing distance
Sensing object
Ferrous metal (The sensing distance decreases with non-ferrous metal. Refer to Engineering Data on
page 3.)
Standard sensing object
Iron 12
× 12 × 1 mm
Iron 15
× 15 × 1 mm
Response frequency
E and F models: 800 Hz,
Y models: 20 Hz
E models: 250 Hz,
Y models: 20 Hz
Supply voltage
(operating voltage range)
E and F models: 12 to 24 VDC (10 to 30 VDC), ripple (p-p): 20% max.
Y models:
100 to 220 VAC (90 to 250 VAC) 50/60 Hz
Current consumption
E and F models: 15 mA max. at 24 VDC
Leakage current
Y models: 2.5 mA max. at 200 VAC
Control
output
Switching
capacity
E and F models: 100 mA max. at 12 VDC, 200 mA max. at 24 VDC
Y models:
10 to 200 mA
Residual
voltage
E and F models: 1.0 V max. with a load current of 100 mA and cord length of 2 m
Y models:
Refer to Residual Voltage (Typical) on page 3.
Indicators
Detection indicator (red)
Operation mode
(with sensing object ap-
proaching)
E1 models: NO
E2 models: NC
F1 models: NO
Y1 models: NO
Y2 models: NC
Circuit protection
E models: Reverse connection protection and surge absorber
Y models: Surge absorber
Ambient temperature
Operating/Storage:
−25°C to 70°C (with no icing or condensation)
Ambient humidity
Operating/Storage: 35% to 95% (with no condensation)
Temperature influence
±10% max. of sensing distance at 23% in the temperature range of −25 to 70°C
Voltage influence
E and F models:
±2.5% max. of sensing distance within a range of ±15% of the rated power supply voltage
Y models:
±2.5% max. of sensing distance within a range of ±10% of the rated power supply voltage
Insulation resistance
50 M
Ω min. (at 500 VDC) between case and current-carrying parts
Dielectric strength
E and F models: 1,000 VAC, 50/60 Hz for 1 min between case and current-carrying parts
Y models:
2,000 VAC, 50/60 Hz for 1 min between case and current-carrying parts
Vibration resistance
(destruction)
10 to 55 Hz, 1.5-mm double amplitude for 2 hours each in X, Y, and Z directions
Shock resistance
(destruction)
500 m/s2 for 10 times each in X, Y, and Z directions
Degree of protection
IEC IP67, in-house standard for oil-resistance
Connection method
Pre-wired Models (Standard cable length: 2 m)
Weight (packed state)
Approx. 70 g
Material
Case
Heat-resistant ABS resin
Sensing surface
Accessories
Instruction sheet
Refer to I/O Circuit Diagrams Timing Chart on page 4.
http://www.ia.omron.com/
2
(c)Copyright OMRON Corporation 2008 All Rights Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com