Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

81801 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 81801
Description  AISLE MARKING TAPE, STATIC SENSITIVE AREA
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

81801 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  81801 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DRAWING NUMBER
81800
DATE:
11/04
AISLE MARKING TAPE, STATIC SENSITIVE AREA
© 2004 DESCO INDUSTRIES INC.
Employee Owned
Description:
Aisle Marking Tape is a tough, scuff resistant vinyl plastic combined with
quick-stick adhesive. The bright yellow color makes this product excellent for
aisle marking and ESD area designation. 3" core is suitable for most all floor
marking tape applicators.
Properties:
Appearance:
Bright yellow vinyl, large black letters
Width: 3"
Length: 54', 108' and 216'
ITEM
DESCRIPTION
81800
Tape, 3" x 54'
81801
Tape, 3" x 108'
81802
Tape, 3" x 216'
DESCO WEST:3651 WALNUT AVE., CHINO, CA 91710 WEB SITE: www.desco.com
PHONE (909) 627-8178 FAX (909) 627-7449
DESCO EAST: 90 HUDSON RD, CANTON, MA 02021-1407
PHONE (781) 821-8370 FAX (781) 575-0172
Made in America


Similar Part No. - 81801

ManufacturerPart #DatasheetDescription
logo
DESCO INDUSTRIES INC
81801 DESCO-81801 Datasheet
38Kb / 1P
AISLE MARKING TAPE, STATIC SENSITIVE AREA
11/04
logo
Magnetrol International...
818012302 MAGNETROL-818012302 Datasheet
409Kb / 28P
RF Point Level Switches
818012322 MAGNETROL-818012322 Datasheet
409Kb / 28P
RF Point Level Switches
More results

Similar Description - 81801

ManufacturerPart #DatasheetDescription
logo
3M Electronics
SDR-2 3M-SDR-2 Datasheet
29Kb / 2P
STD Tape Dispenser SDR Wire Marking Tape
SDR-7 3M-SDR-7 Datasheet
29Kb / 2P
STD Tape Dispenser SDR Wire Marking Tape
SDR-A 3M-SDR-A Datasheet
44Kb / 3P
STD Tape Dispenser SDR Wire Marking Tape
SDR-RD 3M-SDR-RD Datasheet
44Kb / 3P
STD Tape Dispenser SDR Wire Marking Tape
logo
List of Unclassifed Man...
PDS_BP-400 ETC2-PDS_BP-400 Datasheet
368Kb / 2P
Thermally Conductive, Unreinforced,Pressure Sensitive Adhesive Tape
logo
Ledil, Inc.
CA11519 LEDIL-CA11519 Datasheet
2Mb / 5P
~170째 wide area beam. Assembly with installation tape.
logo
3M Electronics
767 3M-767 Datasheet
131Kb / 5P
3M??Hazard Marking Vinyl Tape 767
971 3M-971 Datasheet
162Kb / 6P
3M™ Ultra Durable Floor Marking Tape 971
May-2018
logo
Bertech.
KPTLS BERTECH-KPTLS Datasheet
111Kb / 1P
Low Static Kapton Tape
logo
Lapp.
83257106 LAPP-83257106 Datasheet
611Kb / 7P
DYMO XTL™ MARKING KIT & MARKING TAPE
08.11.2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com