Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K6004B Datasheet(PDF) 3 Page - Switchcraft, Inc.

Part # K6004B
Description  MMVP Series Micro Video Patchbays
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

K6004B Datasheet(HTML) 3 Page - Switchcraft, Inc.

  K6004B Datasheet HTML 1Page - Switchcraft, Inc. K6004B Datasheet HTML 2Page - Switchcraft, Inc. K6004B Datasheet HTML 3Page - Switchcraft, Inc. K6004B Datasheet HTML 4Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
10.00 dB
5.00 dB
0 dB
-5.00 dB
-10.00 dB
-15.00 dB
-20.00 dB
-25.00 dB
-30.00 dB
-35.00 dB
-40.00 dB
0 MHz
300 MHz
600 MHz
900 MHz
1.2 GHz
1.5 GHz
1.8 GHz
2.1 GHz
2.4 GHz
2.7 GHz
3.0 GHz
Typical Insertion Loss
10.00 dB
5.00 dB
0 dB
-5.00 dB
-10.00 dB
-15.00 dB
-20.00 dB
-25.00 dB
-30.00 dB
-35.00 dB
-40.00 dB
0 MHz
300 MHz
600 MHz
900 MHz
1.2 GHz
1.5 GHz
1.8 GHz
2.1 GHz
2.4 GHz
2.7 GHz
3.0 GHz
Typical Return Loss
®
Switchcraft
MMVP Micro Video Patchbays
Switchcraft®
www.switchcraft.com
New Product Bulletin #580
®
Made in USA
sales@switchcraft.com 773-792-2700



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com