Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPJ-50SP Datasheet(PDF) 3 Page - Cooper Bussmann, Inc.

Part # LPJ-50SP
Description  LPJ ??600Vac/300Vdc, 1-60A, Dual Element, Time-Delay Fuses
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

LPJ-50SP Datasheet(HTML) 3 Page - Cooper Bussmann, Inc.

  LPJ-50SP Datasheet HTML 1Page - Cooper Bussmann, Inc. LPJ-50SP Datasheet HTML 2Page - Cooper Bussmann, Inc. LPJ-50SP Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
0813
BU-SB13688
Page 3 of 3
Data Sheet # 1006
Low-Peak™ Class J
The only controlled copy of this Data Sheet is the electronic read-only version located on the Bussmann Network Drive. All other copies of this document are by definition uncontrolled. This bulletin is intended
to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Bussmann reserves the right, without notice, to change design or construction
of any products and to discontinue or limit distribution of any products. Bussmann also reserves the right to change or update, without notice, any technical information contained in this bulletin. Once a product
has been selected, it should be tested by the user in all possible applications.
Current-Limitation Curves
B
A
15A
30A
60A
9000
8000
7000
6000
100000
5000
4000
90000
3000
2000
1000
80000
70000
60000
50000
40000
30000
20000
10000
900
800
700
600
500
400
300
200
100
RMS SYMMETRICAL CURRENT IN AMPS
A-B = ASYMMETRICAL AVAILABLE PEAK (2.3 X SYM RMS AMPS)
LPJ — 600Vac/300Vdc, 1-60A, Dual Element, Time-Delay Fuses
Current-Limiting Effects
Prosp.
Let-Through Current
S.C.C.
(Apparent RMS Symmetrical Vs. Fuse Rating)
—
15A
30A
60A
1000
1000
1000
1000
3000
1000
1000
1000
5000
1000
1000
1000
10,000
1000
1000
2000
15,000
1000
1000
2000
20,000
1000
1000
2000
25,000
1000
1000
2000
30,000
1000
1000
2000
35,000
1000
1000
2000
40,000
1000
2000
3000
50,000
1000
2000
3000
60,000
1000
2000
3000
80,000
1000
2000
3000
100,000
1000
2000
4000
150,000
1000
2000
4000
200,000
2000
3000
4000
250,000
2000
3000
5000
300,000
2000
3000
5000



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com