Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EE-SX671P-C1J-R Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # EE-SX671P-C1J-R
Description  Slot-type Photomicrosensor (Non-modulated)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EE-SX671P-C1J-R Datasheet(HTML) 1 Page - Omron Electronics LLC

  EE-SX671P-C1J-R Datasheet HTML 1Page - Omron Electronics LLC EE-SX671P-C1J-R Datasheet HTML 2Page - Omron Electronics LLC EE-SX671P-C1J-R Datasheet HTML 3Page - Omron Electronics LLC EE-SX671P-C1J-R Datasheet HTML 4Page - Omron Electronics LLC EE-SX671P-C1J-R Datasheet HTML 5Page - Omron Electronics LLC EE-SX671P-C1J-R Datasheet HTML 6Page - Omron Electronics LLC EE-SX671P-C1J-R Datasheet HTML 7Page - Omron Electronics LLC EE-SX671P-C1J-R Datasheet HTML 8Page - Omron Electronics LLC EE-SX671P-C1J-R Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Slot-type Photomicrosensor (Non-modulated) *1
EE-SX47/67
Photomicrosensor with 50- to 100-mA direct
switching capacity for built-in application.
■ Series includes models that enable switching between
dark-ON and light-ON operation.
■ Response frequency as high as 1 kHz.
■ Easy operation monitoring with bright light indicator.
■ Wide operating voltage range: 5 to 24 VDC
■ Models in which the light indicator turns ON for dark-ON
operation are also available.
■ A wide range of variations in eight different shapes.
■ Flexible robot cable is provided as a standard feature. *2
*1. Pre-wired Models are available only in the EE-SX67 Series.
*2. Only for Pre-wired Models.
Be sure to read Safety Precautions on
page 5.
Ordering Information
Connector
*3. Dark-ON when the L terminal of the connector is opened, and light-ON when the L terminal and positive (+) terminal are short-circuited. When used at light-ON, it
is useful to select the connector EE-1001-1. The L terminal and positive (+) terminal of this connector are short-circuited in advance.
Appearance
Sensing
method
Connect-
ing method
Sensing distance
Output
configuration
Indicator mode
Model
NPN output
PNP output
Through-
beam
type
(with slot)
Connector
(4 poles)
Dark-ON/Light-ON
(selectable) *3
Incident light
EE-SX670
EE-SX670P
No incident light
EE-SX670A
EE-SX670R
Light-ON
Incident light
EE-SX470
EE-SX470P
Dark-ON/Light-ON
(selectable) *3
Incident light
EE-SX671
EE-SX671P
No incident light
EE-SX671A
EE-SX671R
Light-ON
Incident light
EE-SX471
EE-SX471P
Dark-ON/Light-ON
(selectable) *3
Incident light
EE-SX672
EE-SX672P
No incident light
EE-SX672A
EE-SX672R
Light-ON
Incident light
EE-SX472
EE-SX472P
Dark-ON/Light-ON
(selectable) *3
Incident light
EE-SX673
EE-SX673P
No incident light
EE-SX673A
EE-SX673R
Light-ON
Incident light
EE-SX473
EE-SX473P
Dark-ON/Light-ON
(selectable) *3
Incident light
EE-SX674
EE-SX674P
No incident light
EE-SX674A
EE-SX674R
Light-ON
Incident light
EE-SX474
EE-SX474P
Dark-ON/Light-ON
(selectable) *3
Incident light
EE-SX675
EE-SX675P
Dark-ON/Light-ON
(selectable) *3
Incident light
EE-SX676
EE-SX676P
Dark-ON/Light-ON
(selectable) *3
Incident light
EE-SX677
EE-SX677P
Infrared light
Standard
5 mm
(slot width)
L-shaped
T-shaped,
slot center
7 mm
Close-
mounting
Close-
mounting
T-shaped,
slot center
10 mm
F-shaped
R-shaped
1


Similar Part No. - EE-SX671P-C1J-R

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EE-SX671P-WR 1M OMRON-EE-SX671P-WR 1M Datasheet
1Mb / 12P
Slot-type Photomicrosensor (Non-modulated)
04/14
More results

Similar Description - EE-SX671P-C1J-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SX493 ETC-SX493 Datasheet
66Kb / 2P
Photomicrosensor
EE-SPY415 ETC1-EE-SPY415 Datasheet
214Kb / 3P
Photomicrosensor
logo
Omron Electronics LLC
EE-SX1088 OMRON-EE-SX1088 Datasheet
233Kb / 4P
Photomicrosensor
EE-SPY402 OMRON-EE-SPY402 Datasheet
675Kb / 7P
Slot-type Reflective Photomicrosensor
EE-SX911P-R1M OMRON-EE-SX911P-R1M Datasheet
603Kb / 9P
Compact Pre-wired Photomicrosensor with Built-in Amplifier (Non-modulated)
EE-SX772 OMRON-EE-SX772 Datasheet
424Kb / 6P
Photomicrosensor with Slim Cable (Non-modulated)
EE-SPX-W OMRON-EE-SPX-W Datasheet
212Kb / 3P
Slot-type Photomicrosensor with Cable
EE-SPY30 OMRON-EE-SPY30 Datasheet
675Kb / 7P
Slot-type Reflective Photomicrosensor
2012.8
EE-SX3173 OMRON-EE-SX3173 Datasheet
3Mb / 9P
Built-in Photomicrosensor Connector Type
EE-SX95 OMRON-EE-SX95 Datasheet
1Mb / 8P
Ultra-compact Pre-wired Photomicrosensor (Non-modulated)
2013-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com