Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EE-SX672P-C1J-R Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # EE-SX672P-C1J-R
Description  Slot-type Photomicrosensor (Non-modulated)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EE-SX672P-C1J-R Datasheet(HTML) 6 Page - Omron Electronics LLC

  EE-SX672P-C1J-R Datasheet HTML 1Page - Omron Electronics LLC EE-SX672P-C1J-R Datasheet HTML 2Page - Omron Electronics LLC EE-SX672P-C1J-R Datasheet HTML 3Page - Omron Electronics LLC EE-SX672P-C1J-R Datasheet HTML 4Page - Omron Electronics LLC EE-SX672P-C1J-R Datasheet HTML 5Page - Omron Electronics LLC EE-SX672P-C1J-R Datasheet HTML 6Page - Omron Electronics LLC EE-SX672P-C1J-R Datasheet HTML 7Page - Omron Electronics LLC EE-SX672P-C1J-R Datasheet HTML 8Page - Omron Electronics LLC EE-SX672P-C1J-R Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
EE-SX47/67
Dimensions
(Unit: mm)
Sensors
19
13.4
5
13.8
9
13.2
6.2
5.5
3.8
2.54
Indicator window
25.4
19
6.95
Four, R1
6.4
0.8
2
0.3
0.7
Optical
axis
3
2
4
1
Two, 3.2 dia.
holes
Two,
3.8 dia.
holes
8.4
EE-SX670/670P
EE-SX670A/670R
EE-SX470/470P
Terminal Arrangement
* Pin 2 is not used for the EE-SX470.
(1)
Vcc
(2)
L
L*
(3)
OUT
OUTPUT
(4)
GND (0 V)
19
19
26.2
Four, R2
Two, 3.2 dia. holes
Four, R1
13.4
13
13.4
5
13
9
2.54
3
14.5
6.2
8.3
7.2
3.2
3
3.8
9
3.6
2.1
0.7
6.2
0.6
0.3
2
7.2
15.5
0.8
Optical axis
Indicator window
6.95
6.35
3
2
4
1
EE-SX671/671P
EE-SX671A/671R
EE-SX471/471P
Terminal Arrangement
* Pin 2 is not used for the EE-SX471.
(1)
Vcc
(2)
L
L*
(3)
OUT
OUTPUT
(4)
GND (0 V)
19
Four, R1
Four, R1.6
13.4
5
13.7
3
7
13
2.54
22.2
6.2
9
3
12.6
26
6.4
6.3
3.8
8.4
2.5
2
13
6.2
6.3
0.8
2.5
4.3
Optical axis
Indicator window
0.3
0.7
2
3
1
4
EE-SX672/672P
EE-SX672A/672R
EE-SX472/472P
Terminal Arrangement
* Pin 2 is not used for the EE-SX472.
(1)
Vcc
(2)
L
L*
(3)
OUT
OUTPUT
(4)
GND (0 V)
13.4
5
7
2.54
22.2
6.2
9
12.8
6.3
3.5
(6.65)
14.4
3.8
2.8
4.9
2
0.8
Optical axis
Indicator window
0.3
0.7
3
2
4
1
Two, 3.2 dia. holes
Two, R1
EE-SX673/673P
EE-SX673A/673R
EE-SX473/473P
Terminal Arrangement
* Pin 2 is not used for the EE-SX473.
(1)
Vcc
(2)
L
L*
(3)
OUT
OUTPUT
(4)
GND (0 V)
6



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com