Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM3046 Datasheet(PDF) 1 Page - API Technologies Corp

Part # TM3046
Description  RF AMPLIFIER MODEL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

TM3046 Datasheet(HTML) 1 Page - API Technologies Corp

  TM3046 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Legend
+ 25 ºC
+ 85 ºC - - - - - - -55 ºC
Typical Intermodulation Performance at 25 º C
Second Order Harmonic Intercept Point ....... +32 dBm (Typ.)
Second Order Two Tone Intercept Point ........ +26 dBm (Typ.)
Third Order Two Tone Intercept Point ............ +16 dBm (Typ.)
Power
Vdc
+5
+5
mA
30
35 Max.
RF AMPLIFIER
MODEL
TM3046
Available as:
TM3046, 4 Pin TO-8 (T4)
TN3046, 4 Pin Surface Mount (SM3)
BX3046, Connectorized Housing (H1)
Features
!
!
!
!
! High Gain: 32 dB Typical
!
!
!
!
! Low Noise Figure: <3 dB Typical
!
!
!
!
! Operating Temp. - 55 ºC to + 85 ºC
!
!
!
!
! Environmental Screening Available
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -55 ºC to +85 ºC
Frequency
5 - 200 MHz
5 - 200 MHz
Note: Care should always be taken to effectively ground the case of each unit.
Noise Figure (dB)
<3
4.0 Max.
VSWR
In
1.25:1
2.0:1 Max.
Out
1.5:1
2.0:1 Max.
Reverse
Isolation (dB)
-42
-40 Max.
Power @ 1 dB
Comp. (dBm)
+3
-1 Min.
Gain (dB)
32
28 Min.
Specifications
Typical Performance Data
Maximum Ratings
Ambient Operating Temperature .............. -55ºC to + 100 ºC
Storage Temperature ............................... -62ºC to + 125 ºC
Case Temperature ................................................. + 125 ºC
DC Voltage ........................................................... + 8 Volts
Continuous RF Input Power ................................... + 6 dBm
Short Term RF Input Power ...... 10 Milliwatts (1 Minute Max.)
Maximum Peak Power .................... 0.1 Watt (3
µsec Max.)
05/19/04
2.0
1.5
1.0
2.0
1.5
1.0
2
4
3
34
30
26
+ 6
+ 4
+ 2
0
- 2
0
- 15
- 30
- 45
- 60
28
32
Start 5 MHz
Stop 200 MHz
Start 5 MHz
Stop 200 MHz
Start 5 MHz
Stop 200 MHz
Start 5 MHz
Stop 200 MHz
Start 5 MHz
Stop 200 MHz
Start 5 MHz
Stop 200 MHz
Gain (dB)
Noise Figure (dB)
1 dB Comp. (dBm)
Input VSWR
Output VSWR
Reverse Isolation (dB)
======================================================================================
5
10
15
50
100
150
200
.16
.16
.15
.16
.17
.20
.18
-166
-168
-170
-179
-175
-178
174
48.64
48.92
48.64
48.40
48.33
48.07
48.36
4
-1
-4
-17
-36
-55
-74
.0062
.0056
.0061
.0056
.0069
.0073
.0082
-1
-1
4
13
13
34
30
.12
.12
.12
.12
.15
.18
.24
-170
-176
178
-177
177
172
159
Linear S-Parameters
MHz
Freq.
Mag Deg
Mag Deg
Mag Deg
Mag Deg
----S11----
----S21----
----S12----
----S22----
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave (Europe) · 2707 Black Lake Place · Philadelphia, Pa. 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.spectrummicrowave.com


Similar Part No. - TM3046

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
TM3046 SPECTRUM-TM3046 Datasheet
39Kb / 1P
RF AMPLIFIER
More results

Similar Description - TM3046

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TM9753 APITECH-TM9753 Datasheet
46Kb / 1P
RF AMPLIFIER MODEL
TM9510PM APITECH-TM9510PM Datasheet
80Kb / 1P
RF AMPLIFIER MODEL
TM9720 APITECH-TM9720 Datasheet
41Kb / 1P
RF AMPLIFIER MODEL
TM9713 APITECH-TM9713 Datasheet
83Kb / 1P
RF AMPLIFIER MODEL
TM9705 APITECH-TM9705 Datasheet
65Kb / 1P
RF AMPLIFIER MODEL
TM9700 APITECH-TM9700 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TM9512PM APITECH-TM9512PM Datasheet
93Kb / 1P
RF AMPLIFIER MODEL
TM9512 APITECH-TM9512 Datasheet
73Kb / 1P
RF AMPLIFIER MODEL
TM9352 APITECH-TM9352 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TR9794 APITECH-TR9794 Datasheet
33Kb / 1P
RF AMPLIFIER MODEL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com