Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM3035 Datasheet(PDF) 1 Page - API Technologies Corp

Part # TM3035
Description  RF AMPLIFIER MODEL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

TM3035 Datasheet(HTML) 1 Page - API Technologies Corp

  TM3035 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -55 ºC to +100 ºC
Frequency
80 - 120 MHz
80 - 120 MHz
Legend
+25 ºC
+100 ºC - - - - - - -55 ºC
Typical Intermodulation Performance at 25 º C
Second Order Harmonic Intercept Point ....... +56 dBm (Typ.)
Second Order Two Tone Intercept Point ........ +50 dBm (Typ.)
Third Order Two Tone Intercept Point ............ +45 dBm (Typ.)
Power
Vdc
+11
+11
mA
170
180 Max.
RF AMPLIFIER
MODEL
TM3035
Available as:
TM3035, 4 Pin TO-8 (T4)
TN3035, 4 Pin Surface Mount (0.450” Sq.)
FP3035, 4 Pin Flatpack (0.500” Sq.)
PN3035, 4 Pin Surface Mount (0.375” Sq.)
BX3035, Connectorized Housing (H1L)
Features
 High Output Power: +28.5 dBm Typical
 Medium Gain: 16 dB Typical
 Operating Temp. -55 ºC to +100 ºC
 Environmental Screening Available
Note: Care should always be taken to effectively ground the case of each unit.
Noise Figure (dB)
3.0
5.0 Max.
VSWR
In
1.8:1
2.0:1 Max.
Out
1.25:1
2.0:1 Max.
Reverse
Isolation (dB)
-22.5
-21.5 Max.
Power @ 1 dB
Comp. (dBm)
+28.5
+27 Min.
Gain (dB)
16
15 Min.
Specifications
Typical Performance Data
Absolute Maximum (No Damage) Ratings
Ambient Operating Temperature ................ -55ºC to +110 ºC
Storage Temperature ................................. -62ºC to +125 ºC
Case Temperature .................................................. +125 ºC
DC Voltage .......................................................... +15 Volts
Continuous RF Input Power .................................. +20 dBm
Short Term RF Input Power.... 200 Milliwatts (1 Minute Max.)
Maximum Peak Power.................... 0.5 Watt (3
μsec Max.)
Revision 4/11/2012
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, Pennsylvania 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com
Start 80 MHz
Stop 120 MHz
Start 80 MHz
Stop 120 MHz
Start 80 MHz
Stop 120 MHz
Start 80 MHz
Stop 120 MHz
Start 80 MHz
Stop 120 MHz
Start 80 MHz
Stop 120 MHz
23
21
20
2.0
1.5
1.0
2.0
1.5
1.0
5
4
3
1
16
15
13
+29
+28
+27
2
17
14
Gain (dB)
Noise Figure (dB)
1 dB Comp. (dBm)
Input VSWR
Output VSWR
Reverse Isolation (dB)


Similar Part No. - TM3035

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
TM3035 SPECTRUM-TM3035 Datasheet
22Kb / 1P
RF AMPLIFIER
More results

Similar Description - TM3035

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TM9753 APITECH-TM9753 Datasheet
46Kb / 1P
RF AMPLIFIER MODEL
TM9510PM APITECH-TM9510PM Datasheet
80Kb / 1P
RF AMPLIFIER MODEL
TM9720 APITECH-TM9720 Datasheet
41Kb / 1P
RF AMPLIFIER MODEL
TM9713 APITECH-TM9713 Datasheet
83Kb / 1P
RF AMPLIFIER MODEL
TM9705 APITECH-TM9705 Datasheet
65Kb / 1P
RF AMPLIFIER MODEL
TM9700 APITECH-TM9700 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TM9512PM APITECH-TM9512PM Datasheet
93Kb / 1P
RF AMPLIFIER MODEL
TM9512 APITECH-TM9512 Datasheet
73Kb / 1P
RF AMPLIFIER MODEL
TM9352 APITECH-TM9352 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TR9794 APITECH-TR9794 Datasheet
33Kb / 1P
RF AMPLIFIER MODEL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com