Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSM0603 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CSM0603
Description  Molded Metal Plate Sensing Resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CSM0603 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CSM0603 Datasheet HTML 1Page - List of Unclassifed Manufacturers CSM0603 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CSM Series
Molded Metal Plate Sensing Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Rev Date: 04/13/2012
2
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
Test Items
Condition of Test
Test Limits
Temperature Coefficient of Resistance
+25ºC ~ +125ºC
±75 ppm/ºC
Load Life
1000 hours at rated power, 70ºC,
1.5 hours ON, 0.5 hours OFF
±1%
Short Time Overload
5 X rated power for 5 seconds
±0.5% (for 0.04 - 0.1Ω >
rated power x 2.5 for 5 seconds
Moisture No Load
85ºC, 85% RH, 1000 hours
±0.5%
Temperature Cycle
-55ºC and +155ºC, 300 cycles,
15 minuntes per extreme condition
±0.5%
Resistance to Soldering Heat
260±5ºC for 20±1 seconds
±0.5%
Solderability
245±5ºC for 2±0.5 seconds
At least 95% of surface area of electrode
must be covered with new solder
High Temperature Exposure
170ºC for 1000 hours
±0.5%
Low Temperature Storage
-55ºC for 1000 hours
±0.5%
Substrate Bending
Bending width 2mm
±1%
Insulation Resistance
100V DC for 1 minute
> 100MΩ
Ambient Temperature (ºC)
-55
100
70
170
100
80
0
-55
20
155
Ambient Temperature (ºC)
40
60
70
125
0.039
0.028
0.035
inches
1.00
0.70
0.90
mm
0.157
0.083
0.161
inches
4.00
2.10
4.10
mm
CSM2512
Type / Code
Unit
CSM0603
ab
L
Power Derating Curve:
CSM0603
CSM2512
Storage Conditions: temperature 5ºC ~ 35ºC; humidity 40% ~ 75%.
Solder Pad Dimensions
Performance Characteristics



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com