Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSP3-347 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BSP3-347
Description  3-Pole LED Driver Ballast Surge Protectors, Enhanced
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BSP3-347 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BSP3-347 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Thomas Research Products
SSL Solutions Faster Than The Speed Of LightTM
Thomas Research Products • 11548 Smith Dr. • Huntley, IL 60142 • T: 847-515-3057 • F: 847-515-3047 • www.trpssl.com
Specifications subject to change without notice.
BSP3-120 / BSP3-208-240 / BSP3-277
BSP3-347 / BSP3-480
3-Pole LED Driver & Ballast Surge Protectors,
Enhanced
06-28-12
The BSP3 series of products are
designed to be used in conjunction with
LED Drivers and electronic fluorescent and
HID ballasts to provide an additional level
of protection against powerline disturbances
in industrial and commercial applications
Features
Wiring
Dimensions
• The BSP3 Series are 3-leaded devices that protect Line-Ground, Line-Neutral,
and Neutral-Ground in accordance with IEEE / ANSI C62.41.2 guidelines
• Protects against surges according to IEEE C62.41.2 C High (10kA and 10kV)
• Surge current rating = 10,000 Amps using industry standard 8/20 uSec wave
• Surge Location Rated Category C3
• High temperature, flameproof plastic enclosure,
85ºC max surface temp rating
• Thermally Protected Transient Over-voltage Circuit
• BSP3-120 is for use on 120V ballasts/drivers
• BSP3-277 is for use on 277V or Universal Voltage ballasts/drivers
• BSP3-347 is for use on 347V ballasts/drivers
• BSP3-480 is for use on 480V ballasts/drivers
Part Number
Maximum
Clamping Voltage
Surge Rating
(2mS)
BSP3-120
345
120 Joules
BSP3-208-240
710
190 Joules
BSP3-277
840
270 Joules
BSP3-347
1120
320 Joules
BSP3-480
1500
360 Joules
Body: 12” leads, stripped 0.63”
Leadwire: AWG#16 stranded
1.5”
2.85”
.75”
Threaded
Nipple
½”-NPS
Pulse rating
(8 x 20 μSec)
Strikes
Surge Rating
1
10,000 A
2
6,500 A
10
3,000 A
100
1,500 A
1,000
700 A
RoHS Compliant
IP-65
Output
to Lamp
Black
Green
White
COM
GROUND
Vin
BSP3
LOAD
LED Driver
or electronic ballast


Similar Part No. - BSP3-347

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BSP3-347 ETC2-BSP3-347 Datasheet
822Kb / 1P
LED Driver & Ballast Surge Protectors, Enhanced
BSP3-347 ETC2-BSP3-347 Datasheet
861Kb / 3P
LED Driver & Ballast Surge Protectors, Enhanced
logo
Hubbell Incorporated.
BSP3-347 HUBBELL-BSP3-347 Datasheet
795Kb / 2P
3-Pole LED Driver & Ballast Surge Protectors
Rev 09-30-2019
logo
List of Unclassifed Man...
BSP3-347(LC) ETC2-BSP3-347(LC) Datasheet
765Kb / 1P
3-Pole LED Driver & Ballast Surge Protectors
More results

Similar Description - BSP3-347

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TVB170SA MACOM-TVB170SA_04 Datasheet
71Kb / 2P
Thyristor Surge Protectors
TVB170SC-L MACOM-TVB170SC-L Datasheet
81Kb / 2P
Thyristor Surge Protectors
logo
List of Unclassifed Man...
BSP3-120 ETC2-BSP3-120 Datasheet
822Kb / 1P
LED Driver & Ballast Surge Protectors, Enhanced
BSP3-120 ETC2-BSP3-120 Datasheet
861Kb / 3P
LED Driver & Ballast Surge Protectors, Enhanced
BSP3-120(LC) ETC2-BSP3-120(LC) Datasheet
765Kb / 1P
3-Pole LED Driver & Ballast Surge Protectors
FSP3-277-20KA ETC2-FSP3-277-20KA Datasheet
582Kb / 1P
Patent-pending 3-Pole Fused In-Line Surge Protectors for LED Drivers
logo
Protek Devices
PBSP-120-10K PROTEC-PBSP-120-10K Datasheet
262Kb / 5P
3 POLE LED DRIVER & BALLAST PROTECTION MODULE
PBSP-120-20K PROTEC-PBSP-120-20K Datasheet
264Kb / 5P
3 POLE LED DRIVER & BALLAST PROTECTION MODULE
logo
M-System Co.,Ltd.
MD73W MSYSTEM-MD73W Datasheet
122Kb / 3P
Lightning Surge Protectors for Lightning Surge Protectors for
logo
Hubbell Incorporated.
BSP3 HUBBELL-BSP3 Datasheet
795Kb / 2P
3-Pole LED Driver & Ballast Surge Protectors
Rev 09-30-2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com