Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP0001 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LP0001
Description  Thermal interface phase change material
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LP0001 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LP0001 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Data Sheet
t-Global Part No.
LP0001/01-PC99-0.06
Digi-Key Part No.
1168-1717-ND
Description
Thermal interface phase change material
Manufacturer
t-Global Technology
Part Number
scheme
[LP][PCB type]/[##]-[ XXX ]-[T]-[#A]-[P]
[LP][ PCB type]/
##
XXX
T
#A
P
Die-Cut for PCB
type: LP0001
Variant: 01
T-Global thermal
interface pad
material: PC99
Thickness
0.06mm
Adhesive
1A – one side
2A –two sides
Pull tab
Typical application
Thermal interface pad for LED Star board
Material code
PC99
Unit
Thermal pad dimensions (mm)
Thickness
0.06
mm
Surface characteristic
Tacky
Features
Low thermal
resistance
Natural tack
Phase change
softening point
52
˚C
Thermal conductivity
1.5
W/m.K
Operating temperature
range
-30 to 125
˚C
Specific gravity
2.35
g/cm3
Surface resistance
› 1012
Ohm - cm
Thermal resistance 30 psi
0.1
˚C /W
Tensile strength
0.1
Kgf/cm2
UL Flammability
V-0
(method UL 94)
Elongation
5
%
Colour
Yellow
Recommendations:
Tel: +44 20 8133 2062 Email: sales@tglobaltechnology.com Web: www.tglobaltechnology.com Skype: tglobal.technology
Revision of these specifications is carried out after consent. We reserve the right to make changes without notification.


Similar Part No. - LP0001

ManufacturerPart #DatasheetDescription
logo
Silvan Chip Electronics...
LP0001 SILVAN-LP0001 Datasheet
85Kb / 2P
PIR CONTROLLER
More results

Similar Description - LP0001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LP0002 ETC2-LP0002 Datasheet
224Kb / 1P
Thermal interface phase change material
HF-225U ETC2-HF-225U Datasheet
565Kb / 2P
Non-Reinforced Phase Change Thermal Interface Material
HF-225UT ETC2-HF-225UT Datasheet
321Kb / 2P
Un-Reinforced, Pressure Sensitive Phase Change Thermal Interface Material
HF-300G ETC2-HF-300G Datasheet
569Kb / 2P
Fiberglass-Reinforced, Phase Change Thermal Interface Material
HF-625 ETC2-HF-625 Datasheet
314Kb / 2P
Reinforced Phase Change Thermal Interface Material
logo
Advanced Thermal Soluti...
ATS-51250D-C1-R0 ATS-ATS-51250D-C1-R0_17 Datasheet
315Kb / 1P
Comes preassembled with high performance, phase changing, thermal interface material
Rev - 040517
ATS-51250K-C1-R0 ATS-ATS-51250K-C1-R0_17 Datasheet
314Kb / 1P
Comes preassembled with high performance, phase changing, thermal interface material
Rev - 040517
ATS-51330R-C1-R0 ATS-ATS-51330R-C1-R0_17 Datasheet
315Kb / 1P
Comes preassembled with high performance, phase changing, thermal interface material
Rev - 040517
ATS-51375K-C1-R0 ATS-ATS-51375K-C1-R0_17 Datasheet
315Kb / 1P
Comes preassembled with high performance, phase changing, thermal interface material
Rev - 040517
logo
T-Global Technology
PCM20B TGLOBAL-PCM20B Datasheet
697Kb / 2P
Phase Change Material
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com